Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3606-33DGSG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS3606-33DGSG4
Description  BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3606-33DGSG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3606-33DGSG4 Datasheet HTML 2Page - Texas Instruments TPS3606-33DGSG4 Datasheet HTML 3Page - Texas Instruments TPS3606-33DGSG4 Datasheet HTML 4Page - Texas Instruments TPS3606-33DGSG4 Datasheet HTML 5Page - Texas Instruments TPS3606-33DGSG4 Datasheet HTML 6Page - Texas Instruments TPS3606-33DGSG4 Datasheet HTML 7Page - Texas Instruments TPS3606-33DGSG4 Datasheet HTML 8Page - Texas Instruments TPS3606-33DGSG4 Datasheet HTML 9Page - Texas Instruments TPS3606-33DGSG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TPS360633
BATTERY BACKUP SUPERVISOR FOR LOW POWER PROCESSORS
SLVS335C − DECEMBER 2000 − REVISED JANUARY 2007
6
detailed description (continued)
manual switchover (MSWITCH)
While operating in the normal mode from VDD, the device can be manually forced to operate in the
battery-backup mode by connecting MSWITCH to VDD. The table below shows the different switchover modes.
MSWITCH
Status
VDD mode
GND
VDD mode
VDD mode
VDD
Switch to battery-backup mode
Battery-backup mode
GND
Battery-backup mode
Battery-backup mode
VDD
Battery-backup mode
If the manual switchover feature is not used, MSWITCH must be connected to ground.
watchdog
In a microprocessor- or DSP-based system, it is not only important to supervise the supply voltage, it is also
important to ensure the correct program execution. The task of a watchdog is to ensure that the program is not
stalled in an indefinite loop. The microprocessor, microcontroller, or the DSP has to toggle the watchdog input
within typically 0.8 s to avoid a time-out from occurring. Either a low-to-high or a high-to-low transition resets
the internal watchdog timer. If the input is unconnected, the watchdog is disabled and is retriggered internally.
saving current while using the watchdog
The watchdog input is internally driven low during the first 7/8 of the watchdog time-out period, then momentarily
pulses high, resetting the watchdog counter. For minimum watchdog input current (minimum overall power
consumption), leave WDI low for the majority of the watchdog time-out period, pulsing it low-high-low once
within 7/8 of the watchdog time-out period to reset the watchdog timer. If instead, WDI is externally driven high
for the majority of the time-out period, a current of e.g. 5 V/40 k
Ω ≈ 125 µA can flow into WDI.
VIT
WDI
RESET
td
td
t(tout)
VOUT
td
Undefined
Figure 1. Watchdog Timing
www.ti.com


Similar Part No. - TPS3606-33DGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600 TI1-TPS3600 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20 TI1-TPS3600D20 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PW TI-TPS3600D20PW Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PW TI1-TPS3600D20PW Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
More results

Similar Description - TPS3606-33DGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20 TI1-TPS3600D20_16 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
logo
Alliance Semiconductor ...
ASM690 ALSC-ASM690 Datasheet
323Kb / 13P
   UP Power Supply Supervisor With Battery Backup Switch
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
   關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
logo
PulseCore Semiconductor
ASM690A PULSECORE-ASM690A Datasheet
348Kb / 15P
   關P Power Supply Supervisor With Battery Backup Switch
logo
TelCom Semiconductor, I...
TC70 TELCOM-TC70 Datasheet
89Kb / 7P
   MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com