Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4012 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP4012
Description  Low-Cost 64-Step Volatile Digital POT
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4012 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP4012 Datasheet HTML 7Page - Microchip Technology MCP4012 Datasheet HTML 8Page - Microchip Technology MCP4012 Datasheet HTML 9Page - Microchip Technology MCP4012 Datasheet HTML 10Page - Microchip Technology MCP4012 Datasheet HTML 11Page - Microchip Technology MCP4012 Datasheet HTML 12Page - Microchip Technology MCP4012 Datasheet HTML 13Page - Microchip Technology MCP4012 Datasheet HTML 14Page - Microchip Technology MCP4012 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
© 2006 Microchip Technology Inc.
DS21978C-page 11
MCP4011/2/3/4
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-1:
Device Current (IDD) vs. U/D
Frequency (fU/D) and Ambient Temperature
(VDD = 2.7V and 5.5V).
FIGURE 2-2:
Device Current (ISHDN) and
VDD. (CS = VDD) vs. Ambient Temperature.
FIGURE 2-3:
CS Pull-up/Pull-down
Resistance (RCS) and Current (ICS) vs. CS Input
Voltage (VCS) (VDD = 5.5V).
FIGURE 2-4:
CS High Input Entry/Exit
Threshold vs. Ambient Temperature and VDD.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
10
20
30
40
50
60
70
80
0.20
0.40
0.60
0.80
1.00
fU/D (MHz)
2.7V -40°C
2.7V 25°C
2.7V 85°C
2.7V 125°C
5.5V -40°C
5.5V 25°C
5.5V 85°C
5.5V 125°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-40
25
85
125
Ambient Temperature (°C)
VDD = 2.7V
VDD = 5.5V
0
50
100
150
200
250
987
654321
VCS (V)
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
RCS
ICS
0
2
4
6
8
10
12
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (°C)
1.8V Entry
2.7V Entry
5.5V Entry
1.8V Exit
2.7V Exit
5.5V Exit


Similar Part No. - MCP4012

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4017 MICROCHIP-MCP4017 Datasheet
2Mb / 66P
   7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
MCP4017-103E/LT MICROCHIP-MCP4017-103E/LT Datasheet
2Mb / 66P
   7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
MCP4017-104E/LT MICROCHIP-MCP4017-104E/LT Datasheet
2Mb / 66P
   7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
MCP4017-502E/LT MICROCHIP-MCP4017-502E/LT Datasheet
2Mb / 66P
   7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
MCP4017-503E/LT MICROCHIP-MCP4017-503E/LT Datasheet
2Mb / 66P
   7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
More results

Similar Description - MCP4012

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4021 MICROCHIP-MCP4021 Datasheet
3Mb / 64P
   Low-Cost NV Digital POT with WiperLock??Technology
2006
MCP443X MICROCHIP-MCP443X Datasheet
5Mb / 94P
   7/8-Bit Volatile Quad Digital POT with I2C Interface
08/04/10
MCP433X MICROCHIP-MCP433X Datasheet
5Mb / 88P
   7/8-Bit Quad SPI Digital POT with Volatile Memory
2010
MCP413X MICROCHIP-MCP413X Datasheet
2Mb / 88P
   7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
2008
MCP4017 MICROCHIP-MCP4017 Datasheet
2Mb / 66P
   7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
MCP434X MICROCHIP-MCP434X Datasheet
2Mb / 80P
   7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
2009
MCP453X MICROCHIP-MCP453X Datasheet
2Mb / 88P
   7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008
MCP453X MICROCHIP-MCP453X_13 Datasheet
3Mb / 102P
   7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008-2013
MCP4361-103E MICROCHIP-MCP4361-103E Datasheet
2Mb / 80P
   7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
03/26/09
MCP454X MICROCHIP-MCP454X Datasheet
2Mb / 92P
   7/8-Bit Single/Dual I2C Digital POT with Non-Volatile Memory
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com