Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25015RHLR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25015RHLR
Description  SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR PORTABLE APPLICATIONS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25015RHLR Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ25015RHLR Datasheet HTML 6Page - Texas Instruments BQ25015RHLR Datasheet HTML 7Page - Texas Instruments BQ25015RHLR Datasheet HTML 8Page - Texas Instruments BQ25015RHLR Datasheet HTML 9Page - Texas Instruments BQ25015RHLR Datasheet HTML 10Page - Texas Instruments BQ25015RHLR Datasheet HTML 11Page - Texas Instruments BQ25015RHLR Datasheet HTML 12Page - Texas Instruments BQ25015RHLR Datasheet HTML 13Page - Texas Instruments BQ25015RHLR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
www.ti.com
FUNCTIONAL DESCRIPTIONS
BATTERY CHARGER
5
4
6
AC
EN
SW
13
12
ISET2
ISET1
bq25015RHL
PACK+
PACK−
VDC
GND
VBUS
GND
USBPort
AC Adapter
2
FB
16
BAT/OUT
+
SYSTEM
Battery
Pack
10 µH
17
BAT/OUT
USB
STAT2
7
8
STAT1
3
9
VSS
VSS
VSS
18
14
typ_app_lus721
19
15
CE
PG
R1
C2
C
1 µF
CHG
10k
1.62k
L
OUT
Controland
StatusSignals
R2
10 F
10 F
10k
C
10 µF
OUT
C1
R =261k
1
R =100k
C =68pF
C =100pF
2
1
2
bq25015
bq25017
SLUS721A – DECEMBER 2006 – REVISED MARCH 2007
The bq2501x supports a precision Li-Ion or Li-Pol charging system suitable for single-cell battery packs and a
low-power DC-DC converter for providing power to system processor. See a typical charge profile, application
circuit and an operational flow chart in Figure 12 through Figure 14 respectively. Figure 13 is the typical
application circuit for a high-current application (300 mA). Here the battery charge current is 500 mA, input
voltage range of 4.5V – 6.5V.
Figure 12. Typical Charger Profile
Figure 13. Typical Application Circuit
10
Submit Documentation Feedback


Similar Part No. - BQ25015RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25010 TI-BQ25010 Datasheet
295Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
logo
Cirrus Logic
BQ25010EVM APEX-BQ25010EVM Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
logo
Texas Instruments
BQ25010RHLR TI-BQ25010RHLR Datasheet
295Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
BQ25011 TI-BQ25011 Datasheet
295Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
BQ25011RHLR TI-BQ25011RHLR Datasheet
295Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
More results

Similar Description - BQ25015RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25010 TI-BQ25010 Datasheet
295Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
logo
ams AG
AS1333 AMSCO-AS1333 Datasheet
1Mb / 16P
   650mA, Step Down DC/DC Converter for Portable Applications
logo
Dialog Semiconductor
DA9131 DIALOG-DA9131 Datasheet
1Mb / 56P
   High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
logo
Renesas Technology Corp
DA9132 RENESAS-DA9132 Datasheet
969Kb / 58P
   High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
logo
Dialog Semiconductor
DA9132 DIALOG-DA9132 Datasheet
1Mb / 56P
   High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
logo
Renesas Technology Corp
DA9131 RENESAS-DA9131 Datasheet
955Kb / 58P
   High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
logo
Eutech Microelectronics...
EUP8086 EUTECH-EUP8086 Datasheet
892Kb / 19P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analog Technol...
AAT2556 AAT-AAT2556 Datasheet
2Mb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Skyworks Solutions Inc.
AAT2556 SKYWORKS-AAT2556 Datasheet
2Mb / 27P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analogic Techn...
AAT2556 ANALOGICTECH-AAT2556 Datasheet
743Kb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com