Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6MBP100TEA060 Datasheet(PDF) 1 Page - Fuji Electric

Part # 6MBP100TEA060
Description  Econo IPM series 600V / 100A 6 in one-package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBP100TEA060 Datasheet(HTML) 1 Page - Fuji Electric

  6MBP100TEA060 Datasheet HTML 1Page - Fuji Electric 6MBP100TEA060 Datasheet HTML 2Page - Fuji Electric 6MBP100TEA060 Datasheet HTML 3Page - Fuji Electric 6MBP100TEA060 Datasheet HTML 4Page - Fuji Electric 6MBP100TEA060 Datasheet HTML 5Page - Fuji Electric 6MBP100TEA060 Datasheet HTML 6Page - Fuji Electric 6MBP100TEA060 Datasheet HTML 7Page - Fuji Electric 6MBP100TEA060 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Econo IPM series
600V / 100A 6 in one-package
6MBP100TEA060
Features
· Temperature protection provided by directly detecting the junction
temperature of the IGBTs
· Low power loss and soft switching
· High performance and high reliability IGBT with overheating protection
· Higher reliability because of a big decrease in number of parts in
built-in control circuit
Maximum ratings and characteristics
Absolute maximum ratings(at Tc=25°C unless otherwise specified)
Symbol
Rating
Unit
Min.
Max.
Bus voltage
DC
Surge
Short operating
Collector-Emitter voltage *1
Collector current
DC
1ms
Duty=72.3% *2
Collector power dissipation One transistor *3
Supply voltage of Pre-Driver *4
Input signal voltage *5
Input signal current
Alarm signal voltage *6
Alarm signal current *7
Junction temperature
Operating case temperature
Storage temperature
Solder temperature *8
Isolating voltage (Terminal to base, 50/60Hz sine wave 1min.)
Screw torque
Mounting (M5)
VDC
VDC(surge)
VSC
VCES
IC
ICP
-IC
PC
VCC
Vin
Iin
VALM
IALM
Tj
Topr
Tstg
Tsol
Viso
Item
0
0
200
0
-
-
-
-
-0.5
-0.5
-
-0.5
-
-
-20
-40
-
-
-
450
500
400
600
100
200
100
347
20
Vcc+0.5
3
Vcc
20
150
100
125
260
AC2500
3.5
V
V
V
V
A
A
A
W
V
V
mA
V
mA
°C
°C
°C
°C
V
N·m
Note
*1 : Vces shall be applied to the input voltage between terminal P and U or ‚u or W, N and U or V or W
*2 : 125°C/FWD Rth(j-c)/(Ic x VF MAX)=125/0.665/(100 x 2.6) x 100=72.3%
*3 : Pc=125°C/IGBT Rth(j-c)=125/0.36=347W [Inverter]
*4 : VCC shall be applied to the input voltage between terminal No.4 and 1, 8 and 5, 12 and 9, 14 and 13
*5 : Vin shall be applied to the input voltage between terminal No.3 and 1, 7 and 5, 11 and 9, 16,17,18 and 13.
*6 :VALM shall be applied to the voltage between terminal No.2 and 1, No6 and 5, No10 and 9, No.19 and 13.
*7 : IALMshall be applied to the input current to terminal No.2,6,10 and 19.
*8 : Immersion time 10±1sec.


Similar Part No. - 6MBP100TEA060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP100NA060-01 FUJI-6MBP100NA060-01 Datasheet
4Mb / 15P
   IGBT-IPM
6MBP100RA060 FUJI-6MBP100RA060 Datasheet
780Kb / 7P
   IGBT-IPM
6MBP100RA120 FUJI-6MBP100RA120 Datasheet
319Kb / 7P
   IGBT(1200V/100A)
6MBP100RTB060 FUJI-6MBP100RTB060 Datasheet
735Kb / 8P
   IPM-R3 series
6MBP100RTJ060 FUJI-6MBP100RTJ060 Datasheet
1Mb / 22P
   IGBT - IPM
More results

Similar Description - 6MBP100TEA060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBP100TEA060 FUJI-7MBP100TEA060 Datasheet
369Kb / 9P
   Econo IPM series 600V / 100A 7 in one-package
6MBP50TEA060 FUJI-6MBP50TEA060 Datasheet
304Kb / 8P
   Econo IPM series 600V / 50A 6 in one-package
6MBP150TEA060 FUJI-6MBP150TEA060 Datasheet
296Kb / 8P
   Econo IPM series 600V / 150A 6 in one-package
6MBP50TEA120 FUJI-6MBP50TEA120 Datasheet
307Kb / 8P
   Econo IPM series 1200V / 50A 6 in one-package
6MBP75TEA120 FUJI-6MBP75TEA120 Datasheet
313Kb / 8P
   Econo IPM series 1200V / 75A 6 in one-package
7MBP50TEA120 FUJI-7MBP50TEA120 Datasheet
352Kb / 9P
   Econo IPM series 1200V / 50A 7 in one-package
logo
List of Unclassifed Man...
6MBP75RTB060 ETC2-6MBP75RTB060 Datasheet
727Kb / 8P
   IPM-R3 series 600V / 75A 6 in one-package
7MBP100RA060 ETC2-7MBP100RA060 Datasheet
743Kb / 8P
   600V / 100A 7 in one-package
logo
Fuji Electric
6MBI100UC-120 FUJI-6MBI100UC-120 Datasheet
128Kb / 5P
   1200V / 100A 6 in one-package
7MBP75TEA120 FUJI-7MBP75TEA120 Datasheet
360Kb / 9P
   Econo IPM series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com