Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7MBP75RJ120 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 7MBP75RJ120
Description  IGBT IPM R-series 1200V class 1200V / 75A 7 in one-package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7MBP75RJ120 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  7MBP75RJ120 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7MBP75RJ120 Datasheet HTML 2Page - List of Unclassifed Manufacturers 7MBP75RJ120 Datasheet HTML 3Page - List of Unclassifed Manufacturers 7MBP75RJ120 Datasheet HTML 4Page - List of Unclassifed Manufacturers 7MBP75RJ120 Datasheet HTML 5Page - List of Unclassifed Manufacturers 7MBP75RJ120 Datasheet HTML 6Page - List of Unclassifed Manufacturers 7MBP75RJ120 Datasheet HTML 7Page - List of Unclassifed Manufacturers 7MBP75RJ120 Datasheet HTML 8Page - List of Unclassifed Manufacturers 7MBP75RJ120 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
7MBP75RJ120
IGBT-IPM
Dynamic Brake Characteristics (Representative)
0
5
10
15
20
25
30
35
40
0
0.5
1
1.5
2
2.5
3
C ollector current vs. Collector-E mitte r voltage
Tj=2 5°C (Terminal)
V cc = 13V
Vcc= 15 V
Vcc= 17 V
C olle ct or- Emitt er voltage : V ce (V)
0
5
10
15
20
25
30
35
40
0
0 .5
11.5
22.5
3
C o lle ctor current vs. Colle ctor-Emitter voltage
Tj=12 5°C(Termina l)
Vcc= 13V
Vcc= 15 V
Vcc= 17 V
C olle ct or- Emitt er vo lta ge : V ce ( V)
0.01
0.1
1
0 .00 1
0.01
0 .1
1
Tran sien t the rm a l resista nce
P ulse width :P w (sec)
IG B T
0
50
100
150
200
250
0
20
40
60
80
1 00
120
140
160
Power dera ting fo r IGB T
(per device)
Case Temper ature : Tc (°C)
0
50
10 0
15 0
20 0
25 0
30 0
35 0
0
20 0
40 0
600
800
1 000
1 20 0
140 0
Reve rs ed bias ed safe op er atin g area
Vcc=15V,Tj
12 5 °C
C ollect or-E m itte r volta ge : V ce (V)
SC S OA
(non-repeti tive pu ls e)
R BSO A
(R e peti tive pu ls e)


Similar Part No. - 7MBP75RJ120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBP75RJ120 FUJI-7MBP75RJ120 Datasheet
350Kb / 9P
   IGBT IPM R-series 1200V class
More results

Similar Description - 7MBP75RJ120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6MBP75RJ120 ETC2-6MBP75RJ120 Datasheet
301Kb / 8P
   IGBT IPM R-series 1200V class 1200V / 75A 6 in one-package
7MBP25RJ120 ETC2-7MBP25RJ120 Datasheet
374Kb / 9P
   IGBT IPM R-series 1200V class 1200V / 25A 7 in one-package
6MBP50RJ120 ETC2-6MBP50RJ120 Datasheet
304Kb / 8P
   IGBT IPM R-series 1200V class 1200V / 50A 6 in one-package
logo
Fuji Electric
7MBP25RJ120 FUJI-7MBP25RJ120 Datasheet
377Kb / 9P
   IGBT IPM R-series 1200V class
7MBP75RJ120 FUJI-7MBP75RJ120 Datasheet
350Kb / 9P
   IGBT IPM R-series 1200V class
6MBP75RJ120 FUJI-6MBP75RJ120 Datasheet
303Kb / 8P
   IGBT IPM R-series 1200V class
7MBP50RJ120 FUJI-7MBP50RJ120 Datasheet
352Kb / 9P
   IGBT IPM R-series 1200V class
7MBP75RA060 FUJI-7MBP75RA060 Datasheet
1Mb / 8P
   IGBT-IPM R series 600V / 75A 7 in one-package
6MBP75TEA120 FUJI-6MBP75TEA120 Datasheet
313Kb / 8P
   Econo IPM series 1200V / 75A 6 in one-package
6MBP75RA120 FUJI-6MBP75RA120 Datasheet
334Kb / 7P
   IGBT-IPM(1200V/75A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com