Part Name
         Description
BLP55-1005

 three-output ac-dc power conversion to meet the requirements of networking and data communications systems, ( 5 Page)


POWER-ONE
100% 
Zoom Out Zoom In
   
 5 page
background image
BLP55 AC-DC Series Data Sheet
55 Watts
REV. MAR 31, 2006
Page 5 of 5
www.power-one.com
5.00
(127.0)
3.00
(76.2)
1.23
1.07
(27.2)
(2.5)
0.1
0.06
4.55
2.55
Ø 0.16 (4 PL)
PRINTED CIRCUIT BOARD
FASTENER
CLEARANCE AREA
(4 PL)
SAFETY GROUND
CONNECTION POINT #1
CN1 INPUT
CONNECTOR
CN2 - DC OUTPUT
CONNECTOR
(SEE PINOUT
TABLE)
PIN 1
V2
PIN 2
V1
PIN 3
V1
PIN 4
DC COM
PIN 5
DC COM
PIN 6
V3
TOP VIEW
SIDE VIEW
END VIEW
PIN 1
+ SENSE
PIN 2
- SENSE
CN2 - DC CON
CN3 - REMOTE SENSE.CON
PIN 1
NEUTRAL
PIN 2
MISSING PIN
PIN 3
LINE
CN1 - AC CONN.
PIN #1
PIN #1
SAFETY GROUND CONNECTION POINT #2, FASTON TAB,
0.25", 0.03" THICK
SECONDARY GROUND
CN3 - REMOTE SENSE
CONNECTOR
(APPROX. LOCATION)
PIN #1
(115.6)
(64.8)
(31.2)
(1.5)
RECOMMENDED MATING CONNECTORS
CN1
MOLEX 09-50-8031
08-52-0113
LEOCO 3940S030000
3983TCB0000
CN2
MOLEX 09-50-8061
08-52-0113
LEOCO 3940S060000
3983TCB0000
CN3
MOLEX 22-01-3027
08-52-0113
LEOCO 2530S020000
2533TPB0000
HOUSING
PIN
0.27" DIA
(6.86)
(4.1)
CN4
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use as critical components
in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the respective
divisional president of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.
Overall Size: 3.00" x 5.00" x 1.23" (76.2mm x 127.0mm x 31.2mm) Weight: 0.51 lb (0.23 kg)
Mechanical Drawing
(Triple-Output Models)
NOTE: This is an outline drawing only. The detailed location of components is not shown.
1  2  3  4  5 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC908JB12This section updates data sheet information and introduces the 20-pin SOIC 1 2 3 4 5 MoreFreescale Semiconductor, Inc
LCX023ELTXGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8 2.3 and 3.3 cm Size Panels 1 2 Sony Corporation
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
ADA3200AEP5AP_06AMD Athlon™ 64 Processor Power and Thermal Data Sheet 1 2 3 4 5 MoreAdvanced Micro Devices
NCP1030_06Low Power PWM Controller with On−Chip Power Switch and Startup Circuits for 48V Telecom Systems 1 2 3 4 5 MoreON Semiconductor
K6F1616U6A1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM 1 2 3 4 5 MoreSamsung semiconductor
VT6202USB 2.0 UHCI and EHCI Host Controller for the PCI Bus 1 2 3 4 5 MoreList of Unclassifed Manufacturers
VQ3001N- and P-Channel Quad Power MOSFET Arrays 1 2 3 Supertex, Inc
NTMSD3P303R2_06P-Channel Enhancement-Mode Power MOSFET and Schottky Diode Dual SO-8 Package 1 2 3 4 5 MoreON Semiconductor
SY87701L_063.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY 1 2 3 4 5 MoreMicrel Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl