Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7318 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7318
Description  2-Wire-Interfaced, 16-Bit, I/O Port Expander with Interrupt and Hot-Insertion Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7318 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7318 Datasheet HTML 1Page - Maxim Integrated Products MAX7318 Datasheet HTML 2Page - Maxim Integrated Products MAX7318 Datasheet HTML 3Page - Maxim Integrated Products MAX7318 Datasheet HTML 4Page - Maxim Integrated Products MAX7318 Datasheet HTML 5Page - Maxim Integrated Products MAX7318 Datasheet HTML 6Page - Maxim Integrated Products MAX7318 Datasheet HTML 7Page - Maxim Integrated Products MAX7318 Datasheet HTML 8Page - Maxim Integrated Products MAX7318 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2-Wire-Interfaced, 16-Bit, I/O Port Expander
with Interrupt and Hot-Insertion Protection
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(V+ = 2V to 5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at V+ = 3.3V, TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to GND ................................................................-0.3V to +6V
I/O0–I/O15 as Inputs ....................................(GND - 0.3V) to +6V
SCL, SDA, AD0, AD1, AD2, INT...................(GND - 0.3V) to +6V
Maximum V+ Current......................................................+250mA
Maximum GND Current ...................................................-250mA
DC Input Current on I/O0–I/O15 .......................................±20mA
DC Output Current on I/O0–I/O15 ....................................±80mA
Continuous Power Dissipation (TA = +70°C)
24-Pin Wide SO (derate 11.8mW/°C above +70°C) ....941mW
24-Pin SSOP (derate 8.0mW/°C above +70°C) ...........640mW
24-Pin TSSOP (derate 12.2mW/°C above +70°C) .......976mW
24-Pin Thin QFN (derate 20.8mW/°C above +70°C) .1667mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
V+
2.0
5.5
V
V+ = 2V
24
36
V+ = 3.3V
45
62
Supply Current
I
+
All I/Os unloaded,
fSCL = 400kHz
V+ = 5.5V
83
124
µA
V+ = 2V
4.8
12.1
V+ = 3.3V
5.4
14.4
Standby Current
ISTBY
All I/Os unloaded,
fSCL = 0
V+ = 5.5V
6.4
19.4
µA
Power-On Reset Voltage
VPOR
1.4
1.7
V
SCL, SDA
Input Voltage Low
VIL
0.3 x V+
V
Input Voltage High
VIH
0.7 x V+
V
Low-Level Output Voltage
VOL
ISINK = 6mA
0.4
V
Leakage Current
IL
-1
+1
µA
Input Capacitance
10
pF
I/O_
Input Voltage Low
VIL
0.8
V
Input Voltage High
VIH
1.8
V
Input Leakage Current
TA = -40°C to +85°C; includes internal
pullup current, VIO = V+
1µA
Internal Pullup Current
TA = -40°C to +85°C, VIO = 0
34
100
µA
V+ = 2V, VOL = 0.5V
8.5
17
V+ = 3.3V, VOL = 0.5V
17
32
Low-Level Output Current
ISINK
V+ = 5V, VOL = 0.5V
43
mA
V+ = 3.3V, VOH = 2.4V
29
41
High Output Current
ISOURCE
V+ = 5V, VOH = 4.5V
31
mA
AD0, AD1, AD2
Input Voltage Low
VIL
0.3 x V+
V
Input Voltage High
VIH
0.7 x V+
V


Similar Part No. - MAX7318

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7318 MAXIM-MAX7318 Datasheet
428Kb / 19P
   2-Wire-Interfaced, 16-Bit, I/O Port Expander with Interrupt and Hot-Insertion Protection
Rev 3; 12/07
MAX7318AAG MAXIM-MAX7318AAG Datasheet
428Kb / 19P
   2-Wire-Interfaced, 16-Bit, I/O Port Expander with Interrupt and Hot-Insertion Protection
Rev 3; 12/07
MAX7318ATG MAXIM-MAX7318ATG Datasheet
428Kb / 19P
   2-Wire-Interfaced, 16-Bit, I/O Port Expander with Interrupt and Hot-Insertion Protection
Rev 3; 12/07
MAX7318AUG MAXIM-MAX7318AUG Datasheet
428Kb / 19P
   2-Wire-Interfaced, 16-Bit, I/O Port Expander with Interrupt and Hot-Insertion Protection
Rev 3; 12/07
MAX7318AWG MAXIM-MAX7318AWG Datasheet
428Kb / 19P
   2-Wire-Interfaced, 16-Bit, I/O Port Expander with Interrupt and Hot-Insertion Protection
Rev 3; 12/07
More results

Similar Description - MAX7318

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7311 MAXIM-MAX7311 Datasheet
376Kb / 16P
   2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
Rev 4; 4/05
MAX7312 MAXIM-MAX7312 Datasheet
373Kb / 17P
   2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
19-3057; Rev 0; 10/03
MAX7312 MAXIM-MAX7312_V01 Datasheet
296Kb / 16P
   2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
2005
MAX7318 MAXIM-MAX7318_07 Datasheet
428Kb / 19P
   2-Wire-Interfaced, 16-Bit, I/O Port Expander with Interrupt and Hot-Insertion Protection
Rev 3; 12/07
MAX7313 MAXIM-MAX7313 Datasheet
414Kb / 27P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
MAX7313 MAXIM-MAX7313_11 Datasheet
253Kb / 26P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
MAX7317 MAXIM-MAX7317 Datasheet
288Kb / 12P
   10-Port SPI-Interfaced I/O Expander with Overvoltage and Hot-Insertion Protection
Rev 2; 4/05
MAX7317 MAXIM-MAX7317_V01 Datasheet
783Kb / 11P
   10-Port SPI-Interfaced I/O Expander with Overvoltage and Hot-Insertion Protection
19-3380; Rev 4; 4/15
MAX7315 MAXIM-MAX7315_V01 Datasheet
2Mb / 26P
   8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7316 MAXIM-MAX7316_V01 Datasheet
475Kb / 24P
   10-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3055; Rev 3; 1/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com