Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7MBR10SA140 Datasheet(PDF) 6 Page - Fuji Electric

Part # 7MBR10SA140
Description  IGBT MODULE (S series) 1400V / 10A / PIM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBR10SA140 Datasheet(HTML) 6 Page - Fuji Electric

  7MBR10SA140 Datasheet HTML 1Page - Fuji Electric 7MBR10SA140 Datasheet HTML 2Page - Fuji Electric 7MBR10SA140 Datasheet HTML 3Page - Fuji Electric 7MBR10SA140 Datasheet HTML 4Page - Fuji Electric 7MBR10SA140 Datasheet HTML 5Page - Fuji Electric 7MBR10SA140 Datasheet HTML 6Page - Fuji Electric 7MBR10SA140 Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IGBT Module
7MBR10SA140
012
345
0
5
10
15
20
25
8V
10V
12V
15V
VGE= 20V
[ Brake ]
Collector current vs. Collector-Emitter voltage
Tj= 25°C (typ.)
Collector - Emitter voltage : VCE [ V ]
01
2
3
45
0
5
10
15
20
25
8V
10V
12V
15V
VGE= 20V
[ Brake ]
Collector current vs. Collector-Emitter voltage
Tj= 125°C (typ.)
Collector - Emitter voltage : VCE [ V ]
012
345
0
5
10
15
20
25
Tj= 25°C
Tj= 125°C
[ Brake ]
Collector current vs. Collector-Emitter voltage
VGE=15V (typ.)
Collector - Emitter voltage : VCE [ V ]
5
1015
2025
0
2
4
6
8
10
Ic= 5A
Ic= 10A
Ic= 20A
[ Brake ]
Collector-Emitter voltage vs. Gate-Emitter voltage
Tj= 25°C (typ.)
Gate - Emitter voltage : VGE [ V ]
0
5
10
15
20
25
30
35
50
100
500
1000
5000
[ Brake ]
Capacitance vs. Collector-Emitter voltage (typ.)
VGE=0V, f= 1MHz, Tj= 25°C
Collector - Emitter voltage : VCE [ V ]
Coes
Cres
Cies
0
20
406080
100
0
200
400
600
800
1000
[ Brake ]
Dynamic Gate charge (typ.)
Vcc=800V, Ic=10A, Tj= 25°C
Gate charge : Qg [ nC ]
0
5
10
15
20
25


Similar Part No. - 7MBR10SA140

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR10SA140E-01 FUJI-7MBR10SA140E-01 Datasheet
452Kb / 10P
   IGBT Module
More results

Similar Description - 7MBR10SA140

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI100S-140 FUJI-6MBI100S-140_01 Datasheet
383Kb / 4P
   IGBT MODULE ( S series) 1400V / 100A 6 in one-package
logo
International Rectifier
GB25RF120K IRF-GB25RF120K Datasheet
781Kb / 13P
   IGBT PIM MODULE
GB10RF120K IRF-GB10RF120K Datasheet
1Mb / 12P
   IGBT PIM MODULE
logo
MacMic
MMG10CB120XB6TC MACMIC-MMG10CB120XB6TC Datasheet
486Kb / 9P
   1200V 10A PIM Module
MMGT10CB120XB6C MACMIC-MMGT10CB120XB6C Datasheet
486Kb / 9P
   1200V 10A PIM Module
logo
International Rectifier
GB30RF60K IRF-GB30RF60K Datasheet
398Kb / 14P
   IGBT PIM MODULE
GB15RF120K IRF-GB15RF120K Datasheet
348Kb / 13P
   IGBT PIM MODULE
logo
Fuji Electric
2MBI50P-140 FUJI-2MBI50P-140 Datasheet
216Kb / 5P
   IGBT(1400V 50A)
2MBI75P-140 FUJI-2MBI75P-140 Datasheet
213Kb / 5P
   IGBT(1400V 75A)
7MBR15NE120 FUJI-7MBR15NE120 Datasheet
523Kb / 9P
   IGBT MODULE(1200V/15A/PIM)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com