Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ8001L Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # KSZ8001L
Description  1.8V, 3.3V 10/100BASETX/FX Physical Layer Transceiver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8001L Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button KSZ8001L Datasheet HTML 3Page - Micrel Semiconductor KSZ8001L Datasheet HTML 4Page - Micrel Semiconductor KSZ8001L Datasheet HTML 5Page - Micrel Semiconductor KSZ8001L Datasheet HTML 6Page - Micrel Semiconductor KSZ8001L Datasheet HTML 7Page - Micrel Semiconductor KSZ8001L Datasheet HTML 8Page - Micrel Semiconductor KSZ8001L Datasheet HTML 9Page - Micrel Semiconductor KSZ8001L Datasheet HTML 10Page - Micrel Semiconductor KSZ8001L Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
KS8001
Micrel
May 2005 – SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
KS8001
MICREL CONFIDENTIAL. DO NOT DISTRIBUTE.
7
Pin Number
Pin Name
Type
(Note 1)
Pin Function
18
TXD1/
TXD[1]/
SYNC
Ipd
MII Mode: Transmit Data Input[1] /
RMII Mode: Transmit Data Input[1] /
SMII Mode: SYNC
19
TXD2
Ipd
MII Transmit Data Input[2]
20
TXD3
Ipd
MII Transmit Data Input[3]
21
COL /
RMII_SELECT
Ipd/O
MII Collision Detect Output
Configuration Mode: The pull-up/pull-down value is latched as RMII select
during reset. See “Strapping Options” section for details.
22
CRS/
RMII_BTB
Ipd/O
MII Carrier Sense Output
Configuration Mode: The pull-up/pull-down value is latched as RMII Loop-
back during reset when RMII mode is selected. See “Strapping Options
section” for details.
23
GND
Gnd
Ground
24
VDDIO
Pwr
Digital IO 2.5 / 3.3V tolerance power supply
25
INT#/
PHYAD0
Ipu/O
Management Interface (MII) Interrupt Out.
Configuration Mode: Latched as PHYAD[0] during power up / reset. See
“Strapping Options” section for details.
26
Programmable LED Output 0
Configuration Mode: The external pull down enable test mode and only used
for tfactory test. Active Low. The LED0 pin is also programmable via register
1eh.
LED mode = 00
Link/Act
Pin State
LED Definition
No Link
H
Off
Link
L
On
LED0/
TEST
Ipu/O
Activity
-
Toggle
LED mode = 01
Link
Pin State
LED Definition
No Link
H
Off
Link
L
On
LED mode = 10
10Mbps Link
Pin State
LED Definition
No Link
H
Off
Link
L
On
27
Programmable LED Output 1
Configuration Mode: Latched as SPEED (Register 0, bit 13) during power up
/ reset. See “Strapping Options” Section for details. Active Low. The LED1
pin is also programmable via register 1eh.
LED mode = 00
Speed
Pin State
LED Definition
10BT
H
Off
LED1 /
SPD100/
noFEF
Ipu/O
100BT
L
On
LED mode = 01
Speed
Pin State
LED Definition
10BT
H
Off
100BT
L
On


Similar Part No. - KSZ8001L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8001L MICREL-KSZ8001L Datasheet
561Kb / 46P
   1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KSZ8001L MICREL-KSZ8001L Datasheet
561Kb / 46P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
logo
Microchip Technology
KSZ8001L MICROCHIP-KSZ8001L Datasheet
542Kb / 51P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
05/14/19
logo
Micrel Semiconductor
KSZ8001LI MICREL-KSZ8001LI Datasheet
561Kb / 46P
   1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KSZ8001LI MICREL-KSZ8001LI Datasheet
561Kb / 46P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
More results

Similar Description - KSZ8001L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ8001L MICROCHIP-KSZ8001L Datasheet
542Kb / 51P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
05/14/19
logo
Micrel Semiconductor
KSZ8001SL MICREL-KSZ8001SL Datasheet
561Kb / 46P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
   3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
KSZ8001L MICREL-KSZ8001L Datasheet
561Kb / 46P
   1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KS8721B MICREL-KS8721B_11 Datasheet
2Mb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KSZ8041FTLI MICREL-KSZ8041FTLI Datasheet
82Kb / 2P
   Physical Layer Transceiver 10/100BASE-T/TX/FX
KS8721B MICREL-KS8721B Datasheet
201Kb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KS8721CL MICREL-KS8721CL_11 Datasheet
280Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KSZ8721SL-TR MICREL-KSZ8721SL-TR Datasheet
218Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721BL MICREL-KS8721BL_11 Datasheet
317Kb / 35P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com