Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXP1500 Datasheet(PDF) 3 Page - Power-One

Part # FXP1500
Description  1500 to 5400-Watt Front-End Power Solutions
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FXP1500 Datasheet(HTML) 3 Page - Power-One

  FXP1500 Datasheet HTML 1Page - Power-One FXP1500 Datasheet HTML 2Page - Power-One FXP1500 Datasheet HTML 3Page - Power-One FXP1500 Datasheet HTML 4Page - Power-One FXP1500 Datasheet HTML 5Page - Power-One FXP1500 Datasheet HTML 6Page - Power-One FXP1500 Datasheet HTML 7Page - Power-One FXP1500 Datasheet HTML 8Page - Power-One FXP1500 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DEC 12, 2006 revised to FEB 22, 2007
Page 3 of 15
www.power-one.com
FNP1500/1800 and FXP1500/1800 Front-Ends
& FNR-3 and FXR-3 Power Shelves Data Sheet
Safety Specifications
Maximum electric strength testing is performed in the factory according to EN 550116, IEC/EN 60950, and UL 60950.
Input-to-output electric strength tests should not be repeated in the field. Power-One will not honor any warranty claims resulting
from electric strength field tests.
Parameter
Conditions/description
Min
Nom
Max
Unit
Agency approvals
UL60950, (UL) CSA 60950 (cUL),
EN 60950(TÜV), CE Mark for LVD
Insulation safety rating
Input to case
Input to output
Output to case
Basic
Reinforced
Functional
Electric strength test voltage
Input to case
Input to output
Output to case
Output 1 to output 2
2.12
4.2
1
0.5
0.1
kVDC
kVDC
kVDC
kVDC
1 Subassemblies are pre-tested with 4.2 kVDC in accordance with EN50116 and IEC/EN60950.
EMC Specifications
Parameter
Description
Criterion
Electrostatic discharge
IEC/EN 61000-4-2, level 4
Performance criterion B
Electromagnetic field
IEC/EN 61000-4-3, level 3
Performance criterion A
Electrical fast transients/burst
IEC/EN 61000-4-4, level 3
Performance criterion B
Surge
IEC/EN 61000-4-5, level 3
Performance criterion B
Voltage dips and interruptions
IEC/EN 61000-4-11
Performance criterion B or better
RF conducted immunity
IEC/EN 61000-4-6
10 VAC, AM 80 %, 1 kHz
Performance criterion A
Emissions conducted
CISPR 22/EN 55022/EN 61204
Class B
Emissions radiated
CISPR 22/EN 55022/EN 61204
Class A
Harmonics
IEC/EN 61000-3-2
Class B
Voltage fluctuation and flicker
IEC/EN 61000-3-3
Pass
Voltage sag
SEMI F47-0200 (High Line 230V)
Pass
Input Specifications
Specification is valid for input voltage, load, and temperature ranges, unless otherwise stated.
Parameter
Conditions/description
Min
Nom
Max
Unit
Input voltage
85
230
264
VAC
Input frequency
47
50/60
63
Hz
Turn-on input voltage
Ramping up
79
-
85
VAC
Turn-off input voltage
Ramping down
70
-
78
VAC
Inrush current limitation
115/230 VAC acc. ETS 300 132-1
< 100 ms
50
Apk
Hold-up time
After last AC line peak ,Vi = 230 VAC, Po nom
20
ms
Power factor
Vi nom, Io nom
0.95
W/VA
Efficiency
Vi = 230 VAC, Io nom, TC = 25 °C
89
1
90
%
Max input current
20
Arms
Input connector
16A – 20 A / 250 VAC; according to IEC320 C19
1 87% for FNP1500-12
Input Connector Description (FXP1500/1800)
Protection Earth
P1
PE
Phase
P2
L
Neutral
P3
N


Similar Part No. - FXP1500

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FXP1500 BEL-FXP1500 Datasheet
2Mb / 15P
   AC-DC POWER SUPPLY
FXP1500-32G BEL-FXP1500-32G Datasheet
1Mb / 15P
   AC-DC POWER SUPPLY
FXP1500-48G BEL-FXP1500-48G Datasheet
2Mb / 15P
   AC-DC POWER SUPPLY
More results

Similar Description - FXP1500

ManufacturerPart #DatasheetDescription
logo
Power-One
FNP600 POWER-ONE-FNP600_10 Datasheet
4Mb / 15P
   600-to-5000-Watt Front-End Power Solutions
FNP600 POWER-ONE-FNP600 Datasheet
696Kb / 13P
   600-to-5000-Watt Front-End Power Solutions
logo
Artesyn Technologies
LCM1500L ARTESYN-LCM1500L Datasheet
968Kb / 7P
   1500 Watt Bulk Front End
LCM1500Q-T-4 ARTESYN-LCM1500Q-T-4 Datasheet
969Kb / 7P
   1500 Watt Bulk Front End
DPF1500 ARTESYN-DPF1500 Datasheet
79Kb / 2P
   Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
logo
Lineage Power Corporati...
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR1612FP LINEAGEPOWER-CAR1612FP Datasheet
1Mb / 2P
   1600 Watt 12V Front End Power Supply
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
CAR1212FP LINEAGEPOWER-CAR1212FP Datasheet
828Kb / 2P
   1200 Watt 12V Front End Power Supply
CAR2548FP LINEAGEPOWER-CAR2548FP Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com