Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6HK-2 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G6HK-2
Description  Ultra-compact, Ultra-sensitive DPDT Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6HK-2 Datasheet(HTML) 7 Page - Omron Electronics LLC

  G6HK-2 Datasheet HTML 1Page - Omron Electronics LLC G6HK-2 Datasheet HTML 2Page - Omron Electronics LLC G6HK-2 Datasheet HTML 3Page - Omron Electronics LLC G6HK-2 Datasheet HTML 4Page - Omron Electronics LLC G6HK-2 Datasheet HTML 5Page - Omron Electronics LLC G6HK-2 Datasheet HTML 6Page - Omron Electronics LLC G6HK-2 Datasheet HTML 7Page - Omron Electronics LLC G6HK-2 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
69
G6H
G6H
Example of Recommended Soldering Conditions for the G6H-2F
(Surface Mounting Terminal Relays)
(1) IRS Method (Mounting Solder: Lead)
Note:
The temperature profile indicates the temperature on the
PCB.
(2) IRS Method (Mounting Solder: Lead-free)
Note:
The temperature profile indicates the temperature on the
relay terminal.
Approved Standards
The approved rated values for international standards differ from the performance characteristics of the individual models. Be sure to con-
firm that required standards are satisfied before actual use.
UL114, UL478 (File No. E41515)
CSA Standard C22.2, No.0, No. 14 (File NO. LR31928)
Tape Packing (Surface Mounting
Terminal Models)
When ordering Relays in tape packing, add the prefix “-TR” to the
model number otherwise the Relays in stick packing will be pro-
vided.
Relays per Reel: 500
Direction of Relay Insertion
Reel Dimensions
Carrier Tape Dimensions
G6H-2F
Precautions
Refer to page 25 for information on general precautions. Be sure
to read these precautions before using the Relay.
Precautions for Correct Use
Long-term Continuously ON Contacts
Using the Relay in a circuit where the Relay will be ON continu-
ously for long periods (without switching) can lead to unstable
contacts because the heat generated by the coil itself will affect
the insulation, causing a film to develop on the contact surfaces.
We recommend using a latching relay (magnetic-holding relay) in
this kind of circuit. If a single-side stable model must be used in
this kind of circuit, we recommend using a fail-safe circuit design
that provides protection against contact failure or coil burnout.
180 to
200
220 to
240
150
90 to 120
20 to 30
Time (s)
Soldering
Preheating
250 max.
230
180
150
Preheating
120 max.
30 max.
Time (s)
Soldering
Case top surface
(peak): 255˚C max.
Relay
terminal
section
Model
No. of
poles
Coil rating
Contact
rating
No. of
operations
G6H-2(F)
2
1.5 to
48 VDC
2 A, 30 VDC 6,000
0.3 A,
110 VDC
0.5 A,
125 VAC
Model
No. of
poles
Coil rating
Contact
rating
No. of
operations
G6H-2(F)
2
1.5 to
48 VDC
2 A, 30 VDC 6,000
0.3 A,
110 VDC
0.5 A,
125 VAC
Top tape (cover tape)
Pulling
direction
Orientation mark
Embos
tape
Carrier tape
2
±0.5
21
±0.8 dia.
R1.0
13
±0.5 dia.
24.4
(100) 330
4
±0.1
2
±0.1 1.55±0.05 dia. 1.75±0.1
11.5
±0.1
24
±0.3
16
±0.1
1.55
±0.05 dia.
0.38
±0.05
0.3
14.5
±0.1
6.9
±0.1


Similar Part No. - G6HK-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6HK-2 OMRON-G6HK-2 Datasheet
526Kb / 10P
   Low Signal Relay
G6HK-2-DC5 OMRON-G6HK-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
More results

Similar Description - G6HK-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6H-2-DC12 OMRON-G6H-2-DC12 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HU-2-DC5 OMRON-G6HU-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-F-DC5 OMRON-G6H-2-F-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HK-2-DC5 OMRON-G6HK-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-F-DC24 OMRON-G6H-2-F-DC24 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-DC5 OMRON-G6H-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6JU-2FS-YDC3 OMRON-G6JU-2FS-YDC3 Datasheet
347Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J-2FS OMRON-G6J-2FS Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J2FSY OMRON-G6J2FSY Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J-Y OMRON-G6J-Y_V01 Datasheet
304Kb / 8P
   Ultra-compact and Slim DPDT Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com