Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXP1500-48G Datasheet(PDF) 10 Page - Power-One

Part # FXP1500-48G
Description  1500 to 5400-Watt Front-End Power Solutions
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FXP1500-48G Datasheet(HTML) 10 Page - Power-One

Back Button FXP1500-48G Datasheet HTML 6Page - Power-One FXP1500-48G Datasheet HTML 7Page - Power-One FXP1500-48G Datasheet HTML 8Page - Power-One FXP1500-48G Datasheet HTML 9Page - Power-One FXP1500-48G Datasheet HTML 10Page - Power-One FXP1500-48G Datasheet HTML 11Page - Power-One FXP1500-48G Datasheet HTML 12Page - Power-One FXP1500-48G Datasheet HTML 13Page - Power-One FXP1500-48G Datasheet HTML 14Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DEC 12, 2006 revised to FEB 22, 2007
Page 10 of 15
www.power-one.com
FNP1500/1800 and FXP1500/1800 Front-Ends
& FNR-3 and FXR-3 Power Shelves Data Sheet
FNP1500/1800 (48V Model) Output Connector
Descriptions
Rear View
Connector: FCI (51732-020 LF)
Female ledge connector:
Manufacturer: FCI
Right Angle type: Part No. FCI (manufacturer): 51762-106020000AA LF; Power-One Part No.: ZES258-G
Vertical type:
Part No. FCI (manufacturer): 51742-106020000AA LF; Power-One Part No.: ZES271-G
Locate information on availability of FCI connectors at http://www.stkcheck.com/evs/fcielectronics/fcisearch.asp
FXP1500/1800 (48V Model) Input and Output Connector Descriptions
Rear View
Output con.: FCI (51732-020 LF)
Input con.: FCI (51939-126 LF)
Female ledge connector:
Manufacturer: FCI
Output connector Part No.: 51762-106020000AA LF (Horizontal)
Output connector Part No.: 51742-106020000AA LF (Vertical)
Input connector Part No.:
51915-056LF (Horizontal)
Input connector Part No.:
51940-099LF (Vertical)
Locate information on availability of FCI connectors at http://www.stkcheck.com/evs/fcielectronics/fcisearch.asp
Paralleling Front-Ends:
For parallel use in minimal configuration systems, only the inhibit pins must be shorted to logic GND. All other pins can be left
open. The power supplies will share the output current automatically (droop current share).
For parallel applications without I
2C bus, but the use of all other features, it is recommended to connect all logic GND’s on a
backplane together, to connect all Vo2 -, all V o2 + and to leave the internal GND’s open.
The sense wires can be left open or connected to a common load point, the synch-start pin can be left open or connected to a
synch-start circuit, the inhibit pins can be connected together or used individually. All I
2C signals (T1-T5, S1, and S2) can be left
open.
Use of a small foil capacitor > 3µF directly at the power outputs of each unit is recommended in order to prevent voltage drops at
the hot plug. For additional information on paralleling see the following Rack (Power Shelf) section.


Similar Part No. - FXP1500-48G

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FXP1500-48G BEL-FXP1500-48G Datasheet
2Mb / 15P
   AC-DC POWER SUPPLY
More results

Similar Description - FXP1500-48G

ManufacturerPart #DatasheetDescription
logo
Power-One
FNP600 POWER-ONE-FNP600_10 Datasheet
4Mb / 15P
   600-to-5000-Watt Front-End Power Solutions
FNP600 POWER-ONE-FNP600 Datasheet
696Kb / 13P
   600-to-5000-Watt Front-End Power Solutions
logo
Artesyn Technologies
LCM1500L ARTESYN-LCM1500L Datasheet
968Kb / 7P
   1500 Watt Bulk Front End
LCM1500Q-T-4 ARTESYN-LCM1500Q-T-4 Datasheet
969Kb / 7P
   1500 Watt Bulk Front End
DPF1500 ARTESYN-DPF1500 Datasheet
79Kb / 2P
   Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
logo
Lineage Power Corporati...
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR1612FP LINEAGEPOWER-CAR1612FP Datasheet
1Mb / 2P
   1600 Watt 12V Front End Power Supply
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
CAR1212FP LINEAGEPOWER-CAR1212FP Datasheet
828Kb / 2P
   1200 Watt 12V Front End Power Supply
CAR2548FP LINEAGEPOWER-CAR2548FP Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com