Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXP1800-48G Datasheet(PDF) 6 Page - Power-One

Part # FXP1800-48G
Description  1500 to 5400-Watt Front-End Power Solutions
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FXP1800-48G Datasheet(HTML) 6 Page - Power-One

Back Button FXP1800-48G Datasheet HTML 2Page - Power-One FXP1800-48G Datasheet HTML 3Page - Power-One FXP1800-48G Datasheet HTML 4Page - Power-One FXP1800-48G Datasheet HTML 5Page - Power-One FXP1800-48G Datasheet HTML 6Page - Power-One FXP1800-48G Datasheet HTML 7Page - Power-One FXP1800-48G Datasheet HTML 8Page - Power-One FXP1800-48G Datasheet HTML 9Page - Power-One FXP1800-48G Datasheet HTML 10Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DEC 12, 2006 revised to FEB 22, 2007
Page 6 of 15
www.power-one.com
FNP1500/1800 and FXP1500/1800 Front-Ends
& FNR-3 and FXR-3 Power Shelves Data Sheet
Protection
Parameter
Conditions/Description
Min
Nom
Max
Unit
Input fuse
Not user accessible
25A, fast blow
Inrush current limitation
With NTCs
Output
No-load -, short circuit - and overload proof
Overvoltage protection latching
1
Tracking
Absolute
115
122
59.5
% Vo nom
V
Overtemperature protection
Automatic power shutdown at TC
95
°C
1 Remove input voltage to reset.
Control
Specification is valid for input voltage, load, and temperature ranges, unless otherwise stated.
Parameter
Conditions/Description
Status Indication
LEDs: DC OK (green), AC OK (green); fan fail and overtemperature (amber)
I
2C digital bus
Monitors alarm functions and sets parameters
PS present pin
Contact closure to logic ground ( internal pull-down resistor of 1 kΩ)
PS remote shutdown / Inhibit pin
TTL compatible signal, inhibited when open contact, high or at TTL logic “1”
Signal referenced to logic return (LRTN)
Power supply OK (I
2C)*
AC OK & DC OK & no overcurrent & no overtemperature & fans working
DC current fail (I
2C)*
Overcurrent on Io1
AC fail / Power down warning
(I
2C & OC)*
Provides a warning that the input power has failed at least 5 ms before the
output falls out of regulation (<90% Vo1 set).
Open collector signal with 20 mA pull-down capability, referenced to logic
return (LRTN). AC fail will go high or open during power fail condition
and will go low when input is within the operating range. A Power Fail
warning will turn off the green AC OK LED.
DC fail / Output voltage fault
(I
2C & OC)*
Internal undervoltage and overvoltage supervision of Vo1. Open collector signal with 20
mA pull-down capability, referenced to logic return (LRTN). DC fail will go high or open if
Vo1 is < 90% or > 110% of Vo1 set, measured in front of the ORing FETs. A green LED on
the front panel indicates normal operation. The LED will flash if in parallel operation Vo1 is
ok, but the unit is disabled.
Temperature warning (I
2C & OC)1
I
2C critical temperature warning: Indicates that the operating temperature
has reached [Tshut-down – 10K]
I
2C & OC overtemperature warning: Indicates if the unit is in overtemperature
shutdown. Open collector signal with 20 mA pull-down capability, referenced
to logic return (LRTN). The OC-output will go low 100 ms before an over-
temperature condition shuts down the unit. An amber LED on the front panel
indicates overtemperature or fan fail.
DC voltage monitoring (I
2C)1
Monitors the voltage Vo1 at the output connector.
Accuracy ± 0.45 V over setting range, temperature and load.
DC current monitoring (I
2C)1
Monitors the output current Io1 : Accuracy ± 0.4A over the load range.
DC voltage trimming
(I
2C or external resistor)1
Output voltage trimming Vo1: ± 8 % of Vo set
Setting accuracy over I
2C: ± 50mV at Vo nom, ± 150 mV over setting range
Fan speed control (I
2C)1
Two fan speed levels automatically set depending on the internal temperature.
The fan speed can be set to full speed or automatic control.
Fan OK (I
2C & OC)1
Indicates if the fans are operating or have failed.
Synch. startup pin
Overcurrent signal which can be used for synchronous startup of units in parallel or to
recover from an overload condition. (See application note).
1 Provided over the I2C interface or as an open collector signal on the output connector (OC).
For detailed Information on I
2C, please see document “FNP1500-I2C-controlling.pdf” or use the Power-One I2C Management Interface
document.


Similar Part No. - FXP1800-48G

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FXP1800-48G BEL-FXP1800-48G Datasheet
2Mb / 15P
   AC-DC POWER SUPPLY
More results

Similar Description - FXP1800-48G

ManufacturerPart #DatasheetDescription
logo
Power-One
FNP600 POWER-ONE-FNP600_10 Datasheet
4Mb / 15P
   600-to-5000-Watt Front-End Power Solutions
FNP600 POWER-ONE-FNP600 Datasheet
696Kb / 13P
   600-to-5000-Watt Front-End Power Solutions
logo
Artesyn Technologies
LCM1500L ARTESYN-LCM1500L Datasheet
968Kb / 7P
   1500 Watt Bulk Front End
LCM1500Q-T-4 ARTESYN-LCM1500Q-T-4 Datasheet
969Kb / 7P
   1500 Watt Bulk Front End
DPF1500 ARTESYN-DPF1500 Datasheet
79Kb / 2P
   Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
logo
Lineage Power Corporati...
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR1612FP LINEAGEPOWER-CAR1612FP Datasheet
1Mb / 2P
   1600 Watt 12V Front End Power Supply
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
CAR1212FP LINEAGEPOWER-CAR1212FP Datasheet
828Kb / 2P
   1200 Watt 12V Front End Power Supply
CAR2548FP LINEAGEPOWER-CAR2548FP Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com