Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA5712 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TEA5712
Description  AM/FM stereo DTS radio circuit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA5712 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TEA5712 Datasheet HTML 2Page - NXP Semiconductors TEA5712 Datasheet HTML 3Page - NXP Semiconductors TEA5712 Datasheet HTML 4Page - NXP Semiconductors TEA5712 Datasheet HTML 5Page - NXP Semiconductors TEA5712 Datasheet HTML 6Page - NXP Semiconductors TEA5712 Datasheet HTML 7Page - NXP Semiconductors TEA5712 Datasheet HTML 8Page - NXP Semiconductors TEA5712 Datasheet HTML 9Page - NXP Semiconductors TEA5712 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
September 1994
6
Philips Semiconductors
Product specification
AM/FM stereo DTS radio circuit
TEA5712; TEA5712T
FUNCTIONAL DESCRIPTION
The AM circuit incorporates a double balanced mixer, a
one pin low-voltage oscillator (up to 30 MHz) a
field-strength indicator output and is designed for
distributed selectivity.
The AM input is designed to be connected to the top of a
tuned circuit. AGC controls the IF amplification and for
large signals it lowers the input impedance.
The first AM selectivity can be an IFT as well as an IFT
combined with a ceramic filter; the second one is an IFT.
The FM circuit incorporates a tuned RF stage, a double
balanced mixer, a one-pin oscillator, a field-strength
indicator output and is designed for distributed IF ceramic
filters. The FM quadrature detector uses a ceramic
resonator.
The PLL stereo decoder incorporates a signal dependent
stereo circuit, a soft-mute circuit and a stereo indicator
LED driver.
Supply voltage behaviour
The TEA5712 incorporates internal stabilized power
supplies. The maximum supply voltage is 12 V, the
minimum voltage can go down temporarily to 1.8 V without
any loss in performance.
Due to the capacitor at pin 19 (RIPPLE) the IC gives
excellent performance, even when the actual supply
voltage at pin 25 (VP) drops below the voltage at pin 19
(RIPPLE).
Figures 4, 5 and 6 show that Vstab, which is dominant for
the overall IC performance, remains unaffected, even if VP
drops down to 1.8 V or less. In this typical example the
static or average VP is equal to 2.5 V. Dips in Vstab appear
only when the peak-to-peak value of the AC-component of
VP > 2 V, i.e. when the dynamic value of VP drops down to
1.5 V for a short moment.
Fig.4
Supply voltage behaviour; VP as a
function of time.
Fig.5
Supply voltage behaviour; Vripple as a
function of time.
Fig.6
Supply voltage behaviour; Vstab as a
function of time.


Similar Part No. - TEA5712

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5710 PHILIPS-TEA5710 Datasheet
229Kb / 25P
   AM/FM radio receiver circuit
March 1994
TEA5710T PHILIPS-TEA5710T Datasheet
229Kb / 25P
   AM/FM radio receiver circuit
March 1994
TEA5711 PHILIPS-TEA5711 Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
TEA5711T PHILIPS-TEA5711T Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
More results

Similar Description - TEA5712

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5711 PHILIPS-TEA5711 Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
logo
Sony Corporation
CXA1538M SONY-CXA1538M Datasheet
299Kb / 15P
   FM STEREO/AM RADIO
logo
Tiger Electronic Co.,Lt...
CXA1691M TGS-CXA1691M Datasheet
2Mb / 10P
   FM/AM RADIO CIRCUIT
logo
NXP Semiconductors
TEA5592 PHILIPS-TEA5592 Datasheet
466Kb / 14P
   AM/FM radio receiver circuit?
October 1990
TEA5594 PHILIPS-TEA5594 Datasheet
108Kb / 17P
   AM/FM radio receiver circuit
March 1991
TEA5591A PHILIPS-TEA5591A Datasheet
144Kb / 14P
   AM/FM radio receiver circuit
February 1990
TEA5591 PHILIPS-TEA5591 Datasheet
282Kb / 22P
   AM/FM radio receiver circuit
June 1989
TEA5710 PHILIPS-TEA5710 Datasheet
229Kb / 25P
   AM/FM radio receiver circuit
March 1994
logo
Rohm
BA1442A ROHM-BA1442A Datasheet
371Kb / 17P
   AM radio / FM IF stereo system IC
BA1448S ROHM-BA1448S Datasheet
183Kb / 9P
   AM radio / FM IF stereo system IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com