Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6H-2F-U6VDC Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G6H-2F-U6VDC
Description  Ultra-compact, Ultra-sensitive DPDT Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6H-2F-U6VDC Datasheet(HTML) 4 Page - Omron Electronics LLC

  G6H-2F-U6VDC Datasheet HTML 1Page - Omron Electronics LLC G6H-2F-U6VDC Datasheet HTML 2Page - Omron Electronics LLC G6H-2F-U6VDC Datasheet HTML 3Page - Omron Electronics LLC G6H-2F-U6VDC Datasheet HTML 4Page - Omron Electronics LLC G6H-2F-U6VDC Datasheet HTML 5Page - Omron Electronics LLC G6H-2F-U6VDC Datasheet HTML 6Page - Omron Electronics LLC G6H-2F-U6VDC Datasheet HTML 7Page - Omron Electronics LLC G6H-2F-U6VDC Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
66
G6H
G6H
Engineering Data
AC resistive load
125-VAC resistive load
Maximum Switching Power
Ambient Temperature vs. Maximum Coil Voltage
Single-side Stable
(G6H-2)
Endurance
Switching voltage (V)
Switching current (A)
Ambient temperature (˚C)
Single-winding Latching
(G6HU-2)
Double-winding Latching
(G6HK-2)
Ambient temperature (
°C)
Ambient temperature (
°C)
24 VDC
3 to 24 VDC
48 VDC
3 to 24 VDC
3 to 12 VDC
24 VDC
10,000
7,000
5,000
3,000
1,000
700
500
300
100
Malfunctioning Shock Resistance
(G6H-2)
5 VDC
Number of Units: 10
Shock direction
NC contact
NO contact
Condition: The Units were shocked at the rate of 500 m/s
three times each in the
±X, ±Y, and ±Z directions
with and without voltage imposed on the Units until
the Units malfunctioned.
Note: The maximum coil voltage refers to the maximum value in a varying range of operating power voltage, not a continuous voltage.
2
DC resistive load
30-VDC resistive load


Similar Part No. - G6H-2F-U6VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6H-2F OMRON-G6H-2F Datasheet
131Kb / 4P
   Low Profile, Miniature, Surface Mount Relay
G6H-2F OMRON-G6H-2F Datasheet
526Kb / 10P
   Low Signal Relay
G6H-2F OMRON-G6H-2F Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2F12VDC OMRON-G6H-2F12VDC Datasheet
131Kb / 4P
   Low Profile, Miniature, Surface Mount Relay
G6H-2F24VDC OMRON-G6H-2F24VDC Datasheet
131Kb / 4P
   Low Profile, Miniature, Surface Mount Relay
More results

Similar Description - G6H-2F-U6VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6H-2-DC12 OMRON-G6H-2-DC12 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HU-2-DC5 OMRON-G6HU-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-F-DC5 OMRON-G6H-2-F-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HK-2-DC5 OMRON-G6HK-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-F-DC24 OMRON-G6H-2-F-DC24 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-DC5 OMRON-G6H-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6JU-2FS-YDC3 OMRON-G6JU-2FS-YDC3 Datasheet
347Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J-2FS OMRON-G6J-2FS Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J2FSY OMRON-G6J2FSY Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J-Y OMRON-G6J-Y_V01 Datasheet
304Kb / 8P
   Ultra-compact and Slim DPDT Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com