Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4245-01 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # 4245-01
Description  SPDT UltraCMOS??RF Switch DC - 4000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4245-01 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  4245-01 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4245-01 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4245-01 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4245-01 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4245-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4245-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4245-01 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4245-01 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Product Specification
PE4245
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0104-05
│ www.psemi.com
Page 5 of 8
Evaluation Kit
The SPDT Switch Evaluation Kit board was
designed to ease customer evaluation of the
PE4245 SPDT switch. The RF common port is
connected through a 50
Ω transmission line to the
top left SMA connector, J1. Port 1 and Port 2 are
connected through 50
Ω transmission lines to the
top two SMA connectors on the right side of the
board, J2 and J3. A through transmission line
connects SMA connectors J4 and J5. This
transmission line can be used to estimate the loss
of the PCB over the environmental conditions
being evaluated.
The board is constructed of a two metal layer FR4
material with a total thickness of 0.031”. The
bottom layer provides ground for the RF
transmission lines. The transmission lines were
designed using a coplanar waveguide with ground
plane model using a trace width of 0.0476”, trace
gaps of 0.030”, dielectric thickness of 0.028”,
metal thickness of 0.0021” and
ε
r of 4.4.
J6 provides a means for controlling DC and digital
inputs to the device. Starting from the lower left
pin, the second pin to the right (J6-3) is connected
to the device CNTL input. The fourth pin to the
right (J6-7) is connected to the device VDD input.
Figure 12. Evaluation Board Layouts
Figure 13. Evaluation Board Schematic
Peregrine Specification 102/0110
Peregrine Specification 101/0085


Similar Part No. - 4245-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4245-01 PEREGRINE-4245-01 Datasheet
279Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
More results

Similar Description - 4245-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4245 PEREGRINE-PE4245 Datasheet
279Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4237 PEREGRINE-PE4237 Datasheet
278Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4235 PEREGRINE-PE4235 Datasheet
288Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
   SPDT UltraCMOS RF Switch DC - 7500 MHz
logo
Peregrine Semiconductor
PE42452 PSEMI-PE42452_15 Datasheet
458Kb / 11P
   UltraCMOS SP5T RF Switch 450-4000 MHz
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
   UltraCMOS SPDT RF Switch 100??000 MHz
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com