Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65C3223EDW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65C3223EDW
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65C3223EDW Datasheet(HTML) 1 Page - Texas Instruments

  SN65C3223EDW Datasheet HTML 1Page - Texas Instruments SN65C3223EDW Datasheet HTML 2Page - Texas Instruments SN65C3223EDW Datasheet HTML 3Page - Texas Instruments SN65C3223EDW Datasheet HTML 4Page - Texas Instruments SN65C3223EDW Datasheet HTML 5Page - Texas Instruments SN65C3223EDW Datasheet HTML 6Page - Texas Instruments SN65C3223EDW Datasheet HTML 7Page - Texas Instruments SN65C3223EDW Datasheet HTML 8Page - Texas Instruments SN65C3223EDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION/ORDERING
DB, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
EN
C1+
V+
C1−
C2+
C2−
V−
DOUT2
RIN2
ROUT2
FORCEOFF
VCC
GND
DOUT1
RIN1
ROUT1
FORCEON
DIN1
DIN2
INVALID
NC − No internal connection
RHL PACKAGE
(TOP VIEW)
1
24
12
13
2
3
4
5
6
7
8
9
10
11
23
22
21
20
19
18
17
16
15
14
VCC
NC
GND
DOUT1
RIN1
ROUT1
FORCEON
DIN1
NC
DIN2
C1+
NC
V+
C1–
C2+
C2–
V–
DOUT2
NC
RIN2
Flexible control options for power management are available when the serial port is inactive. The
SN65C3223E
,, SN75C3223E
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS
WITH
±15-kV ESD PROTECTION
SLLS727A – MAY 2006 – REVISED JULY 2006
ESD Protection for RS-232 Bus Pins
±15-kV Human-Body Model (HBM)
±8-kV IEC 61000-4-2, Contact Discharge
±15-kV IEC 61000-4-2, Air-Gap Discharge
Meet or Exceed the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
Operate With 3-V to 5.5-V VCC Supply
Operate up to 1000 kbit/s
Two Drivers and Two Receivers
Low Standby Current . . . 1
µA Typ
External Capacitors . . . 4
× 0.1 µF
Accepts 5-V Logic Input With 3.3-V Supply
Battery-Powered Systems
PDAs
Notebooks
Laptops
Palmtop PCs
Hand-Held Equipment
INFORMATION
The SN65C3223E and SN75C3223E consist of two
line
drivers,
two
line
receivers,
and
a
dual
charge-pump circuit with
±15-kV ESD protection pin
to pin (serial-port connection pins, including GND).
These
devices
meet
the
requirements
of
TIA/EIA-232-F and provide the electrical interface
between an asynchronous communication controller
and the serial-port connector. The charge pump and
four small external capacitors allow operation from a
single 3-V to 5.5-V supply. The devices operate at
typical data signaling rates up to 1000 kbit/s.
auto-powerdown feature functions when FORCEON is low and FORCEOFF is high. During this mode of
operation, if the devices do not sense a valid RS-232 signal, the driver outputs are disabled. If FORCEOFF is
set low and EN is high, both drivers and receivers are shut off, and the supply current is reduced to 1 mA.
Disconnecting the serial port or turning off the peripheral drivers causes auto-powerdown to occur.
Auto-powerdown can be disabled when FORCEON and FORCEOFF are high. With auto-powerdown enabled,
the devices are activated automatically when a valid signal is applied to any receiver input. The INVALID output
is used to notify the user if an RS-232 signal is present at any receiver input. INVALID is high (valid data) if any
receiver input voltage is greater than 2.7 V or less than –2.7 V, or has been between –0.3 V and 0.3 V for less
than 30
µs. INVALID is low (invalid data) if the receiver input voltage is between –0.3 V and 0.3 V for more than
30
µs. Refer to Figure 4 for receiver input levels.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65C3223EDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3223EDW TI-SN65C3223EDW Datasheet
242Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3223EDWG4 TI-SN65C3223EDWG4 Datasheet
242Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3223EDWR TI-SN65C3223EDWR Datasheet
242Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3223EDWRG4 TI-SN65C3223EDWRG4 Datasheet
242Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
More results

Similar Description - SN65C3223EDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3223E TI-SN65C3223E Datasheet
242Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3222E TI-SN65C3222E Datasheet
227Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3238E TI-SN65C3238E Datasheet
252Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD (HBM) PROTECTION
SN65C3238E TI-SN65C3238E_07 Datasheet
384Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD (HBM) PROTECTION
MAX3223-EP TI1-MAX3223-EP Datasheet
426Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222 Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
TEXAS ADVANCED OPTOELEC...
MAX3223EIDBG4 TAOS-MAX3223EIDBG4 Datasheet
646Kb / 22P
   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Texas Instruments
MAX3232-EP TI1-MAX3232-EP Datasheet
533Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3222E TI-MAX3222E Datasheet
311Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223-Q1 TI-TRS3223-Q1 Datasheet
241Kb / 12P
[Old version datasheet]   3-V To 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com