Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4245-00 Datasheet(PDF) 8 Page - Peregrine Semiconductor Corp.

Part # 4245-00
Description  SPDT UltraCMOS??RF Switch DC - 4000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4245-00 Datasheet(HTML) 8 Page - Peregrine Semiconductor Corp.

  4245-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4245-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4245-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4245-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4245-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4245-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4245-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4245-00 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Product Specification
PE4245
Page 8 of 8
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0104-05
│ UltraCMOS™ RFIC Solutions
Sales Offices
The Americas
Peregrine Semiconductor Corporation
9450 Carroll Park Drive
San Diego, CA 92121
Tel: 858-731-9400
Fax: 858-731-9499
North Asia Pacific
Peregrine Semiconductor K.K.
Teikoku Hotel Tower 10B-6
1-1-1 Uchisaiwai-cho, Chiyoda-ku
Tokyo 100-0011 Japan
Tel: +81-3-3502-5211
Fax: +81-3-3502-5213
Peregrine Semiconductor, Korea
#B-2402, Kolon Tripolis, #210
Geumgok-dong, Bundang-gu, Seongnam-si
Gyeonggi-do, 463-480 S. Korea
Tel: +82-31-728-4300
Fax: +82-31-728-4305
Europe
Peregrine Semiconductor Europe
Bâtiment Maine
13-15 rue des Quatre Vents
F-92380 Garches, France
Tel: +33-1-47-41-91-73
Fax : +33-1-47-41-91-73
For a list of representatives in your area, please refer to our Web site at: www.psemi.com
Data Sheet Identification
Advance Information
The product is in a formative or design stage. The data
sheet contains design target specifications for product
development. Specifications and features may change in
any manner without notice.
Preliminary Specification
The data sheet contains preliminary data. Additional data
may be added at a later date. Peregrine reserves the right
to change specifications at any time without notice in order
to supply the best possible product.
Product Specification
The data sheet contains final data. In the event Peregrine
decides to change the specifications, Peregrine will notify
customers of the intended changes by issuing a DCN
(Document Change Notice).
The information in this data sheet is believed to be reliable.
However, Peregrine assumes no liability for the use of this
information. Use shall be entirely at the user’s own risk.
No patent rights or licenses to any circuits described in this
data sheet are implied or granted to any third party.
Peregrine’s products are not designed or intended for use in
devices or systems intended for surgical implant, or in other
applications intended to support or sustain life, or in any
application in which the failure of the Peregrine product could
create a situation in which personal injury or death might occur.
Peregrine assumes no liability for damages, including
consequential or incidental damages, arising out of the use of
its products in such applications.
The Peregrine name, logo, and UTSi are registered trademarks
and UltraCMOS and HaRP are trademarks of Peregrine
Semiconductor Corp.
South Asia Pacific
Peregrine Semiconductor, China
Shanghai, 200040, P.R. China
Tel: +86-21-5836-8276
Fax: +86-21-5836-7652
Space and Defense Products
Americas:
Tel: 858-731-9453
Europe, Asia Pacific:
180 Rue Jean de Guiramand
13852 Aix-En-Provence Cedex 3, France
Tel: +33(0) 4 4239 3361
Fax: +33(0) 4 4239 7227


Similar Part No. - 4245-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4245-00 PEREGRINE-4245-00 Datasheet
279Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
4245-00 PEREGRINE-4245-00 Datasheet
282Kb / 8P
   SPDT UltraCMOS??RF Switch
More results

Similar Description - 4245-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4245 PEREGRINE-PE4245 Datasheet
279Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4237 PEREGRINE-PE4237 Datasheet
278Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4235 PEREGRINE-PE4235 Datasheet
288Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
   SPDT UltraCMOS RF Switch DC - 7500 MHz
logo
Peregrine Semiconductor
PE42452 PSEMI-PE42452_15 Datasheet
458Kb / 11P
   UltraCMOS SP5T RF Switch 450-4000 MHz
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
   UltraCMOS SPDT RF Switch 100??000 MHz
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com