Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6HU-2-U12VDC Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G6HU-2-U12VDC
Description  Ultra-compact, Ultra-sensitive DPDT Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6HU-2-U12VDC Datasheet(HTML) 1 Page - Omron Electronics LLC

  G6HU-2-U12VDC Datasheet HTML 1Page - Omron Electronics LLC G6HU-2-U12VDC Datasheet HTML 2Page - Omron Electronics LLC G6HU-2-U12VDC Datasheet HTML 3Page - Omron Electronics LLC G6HU-2-U12VDC Datasheet HTML 4Page - Omron Electronics LLC G6HU-2-U12VDC Datasheet HTML 5Page - Omron Electronics LLC G6HU-2-U12VDC Datasheet HTML 6Page - Omron Electronics LLC G6HU-2-U12VDC Datasheet HTML 7Page - Omron Electronics LLC G6HU-2-U12VDC Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
63
G6H
PCB Relay
Ultra-compact, Ultra-sensitive DPDT
Relay
Compact size and low 5-mm profile.
Low power consumption (140 mW for single-side
stable, 100 to 300 mW for latching type) and high
sensitivity.
Low thermoelectromotive force.
Low magnetic interference enables high-density
mounting.
Single- and double-winding latching types also
available.
Ordering Information
Model Number Legend
Specifications
Coil Ratings
Single-side Stable Type (G6H-2, G6H-2F)
Note:
1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23°C with a tolerance of ±10%.
3. The maximum voltage is the highest voltage that can be imposed on the relay coil.
4. The maximum voltage that can be be applied when using the G6H-2F (at 85°C) is 115% (3 to 12 V) or 105% (24 V) of the rated
voltage.
RoHS Compliant
Refer to pages 16 to 17 for details.
R
C
Classification
Single-side stable
Single-winding latching
Double-winding latching
DPDT
Fully
sealed
PCB terminal
G6H-2
G6HU-2
G6HK-2
Surface mount terminal
G6H-2F
---
---
Rated coil voltage
Note: When ordering, add the rated coil voltage to the model number.
Example: G6HK-2 12 VDC
1. Relay Function
None: Single-side stable
U:
Single-winding latching
K:
Double-winding latching
2. Contact Form
2:
DPDT
3. Terminal Shape
None: PCB terminal
F:
Surface mount terminal
4. Classification
U: Ultrasonically cleanable
5. Rated Coil Voltage
3, 5, 6, 9, 12, 24 VDC
G6H
-
-
VDC
12
3
4
5
Rated voltage
3 VDC
5 VDC
6 VDC
9 VDC
12 VDC
24 VDC
48 VDC
Rated current
46.7 mA
28.1 mA
23.3 mA
15.5 mA
11.7 mA
8.3 mA
5.8 mA
Coil resistance
64.3
178
257
579
1,028
2,880
8,228
Coil inductance
(H) (ref. value)
Armature OFF
0.025
0.065
0.11
0.24
0.43
1.2
---
Armature ON
0.022
0.058
0.09
0.20
0.37
1.0
---
Must operate voltage
75% max. of rated voltage
Must release voltage
10% min. of rated voltage
Max. voltage
200% of rated voltage at 23°C
170% of rated
voltage at 23°C
140% of rated
voltage at 23°C
Power consumption
Approx. 140 mW
Approx.
200 mW
Approx.
280 mW


Similar Part No. - G6HU-2-U12VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6HU-2-DC5 OMRON-G6HU-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
More results

Similar Description - G6HU-2-U12VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6H-2-DC12 OMRON-G6H-2-DC12 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HU-2-DC5 OMRON-G6HU-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-F-DC5 OMRON-G6H-2-F-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HK-2-DC5 OMRON-G6HK-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-F-DC24 OMRON-G6H-2-F-DC24 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-DC5 OMRON-G6H-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6JU-2FS-YDC3 OMRON-G6JU-2FS-YDC3 Datasheet
347Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J-2FS OMRON-G6J-2FS Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J2FSY OMRON-G6J2FSY Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J-Y OMRON-G6J-Y_V01 Datasheet
304Kb / 8P
   Ultra-compact and Slim DPDT Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com