Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRE210 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # VRE210
Description  Precision Surface Mount Reference Supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRE210 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button VRE210 Datasheet HTML 6Page - List of Unclassifed Manufacturers VRE210 Datasheet HTML 7Page - List of Unclassifed Manufacturers VRE210 Datasheet HTML 8Page - List of Unclassifed Manufacturers VRE210 Datasheet HTML 9Page - List of Unclassifed Manufacturers VRE210 Datasheet HTML 10Page - List of Unclassifed Manufacturers VRE210 Datasheet HTML 11Page - List of Unclassifed Manufacturers VRE210 Datasheet HTML 12Page - List of Unclassifed Manufacturers VRE210 Datasheet HTML 13Page - List of Unclassifed Manufacturers VRE210 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
EXTERNAL CONNECTIONS
FIGURE 2
MECHANICAL
PIN CONFIGURATION
REF
GND
TOP VIEW
VRE204
11
12 13
9
10
18
17
16
15
14
4
5
6
7
8
1
20 19
3
2
NC
NC
NC
NC
V
IN
NC
NC
TRIM
GND
NC
NC
V
OUT
NC
NC
NC
NC NC NC NC
11
12
13
9
10
18
17
16
15
14
4
5
6
7
8
1
20
19
3
2
+15V
V
OUT = +4.5V
10k
Ref. Gnd.
VRE204DS REV. C JUNE 1995
A
0.090
0.110
2.29
2.79
B
0.022
0.028
0.56
0.71
D
0.342
0.358
8.68
9.09
D1
0.048
0.052
1.22
1.32
E
0.342
0.358
8.68
9.09
E1
0.045
0.055
1.114
1.40
j
0.010 REF
.254 REF
h
0.040 REF
1.02 REF
L
0.045
0.055
1.14
1.40
DIM
INCHES
MIN
MAX
MAX
MILLIMETER
MIN


Similar Part No. - VRE210

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE210 CIRRUS-VRE210 Datasheet
313Kb / 4P
   Precision Voltage Reference
VRE210 CIRRUS-VRE210 Datasheet
375Kb / 4P
   Precision Voltage Reference
VRE210C CIRRUS-VRE210C Datasheet
313Kb / 4P
   Precision Voltage Reference
VRE210C CIRRUS-VRE210C Datasheet
375Kb / 4P
   Precision Voltage Reference
VRE210CA CIRRUS-VRE210CA Datasheet
313Kb / 4P
   Precision Voltage Reference
More results

Similar Description - VRE210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE202 ETC-VRE202 Datasheet
169Kb / 5P
   Precision Surface Mount Reference Supplies
VRE114 ETC-VRE114 Datasheet
307Kb / 5P
   Precision Reference Supplies
VRE105 ETC1-VRE105 Datasheet
224Kb / 5P
   Precision Reference Supplies
VRE110 ETC2-VRE110 Datasheet
432Kb / 5P
   Precision Reference Supplies
VRE117 ETC2-VRE117 Datasheet
425Kb / 5P
   Precision Reference Supplies
VRE100 ETC-VRE100 Datasheet
341Kb / 5P
   Precision Reference Supplies
VRE204 ETC-VRE204 Datasheet
197Kb / 5P
   Precision Surface Mount Reference Supply
VRE205 ETC1-VRE205 Datasheet
197Kb / 5P
   Precision Surface Mount Reference Supply
VRE125 ETC2-VRE125 Datasheet
330Kb / 5P
   Precision High Temperature Reference Supplies
logo
RHOPOINT COMPONENTS
VRE120C RHOPOINT-VRE120C Datasheet
337Kb / 5P
   Precision High Temperature Reference Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com