Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22392 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY22392
Description  Universal Programmable Clock Generator (UPCG)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22392 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY22392 Datasheet HTML 1Page - Cypress Semiconductor CY22392 Datasheet HTML 2Page - Cypress Semiconductor CY22392 Datasheet HTML 3Page - Cypress Semiconductor CY22392 Datasheet HTML 4Page - Cypress Semiconductor CY22392 Datasheet HTML 5Page - Cypress Semiconductor CY22392 Datasheet HTML 6Page - Cypress Semiconductor CY22392 Datasheet HTML 7Page - Cypress Semiconductor CY22392 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CY22800
Document #: 001-07704 Rev. **
Page 4 of 8
Cypress offers a wide range of programmable clock synthesizers that can be used to generate any other frequencies not covered
by the CY22800. Table 2 summarizes all Cypress programmable devices including CY22800.
Table 2. Cypress Programmable Clocks[2]
Part #
No. of PLL
Input Freq.
Output
Freq.
Package
No. of
Outputs
Spread
Spectrum
VCXO
I2C
CY22800
1
0.5–100
1–200
8-SOIC
up to 3
Yes
Yes
No
CY22050
1
1–133
0.08–200
16-TSSOP
up to 6
No
No
No
CY22150
1
1–133
0.08–200
16-TSSOP
up to 6
No
No
Yes
CY25100
1
8–166
3–200
8-SOIC/TSSOP
up to 2
Yes
No
No
CY25200
1
3–166
3–200
16-TSSOP
up to 6
Yes
No
No
CY241V08
1
27/13.5
27/13.5
8-SOIC
up to 2
No
Yes
No
CY22392
3
1–166
1–200
16-TSSOP
up to 6
No
No
No
CY22381
3
1–166
1–200
8-SOIC
up to 3
No
No
No
CY22393
3
1–166
1–200
16-TSSOP
up to 6
No
No
Yes
CY22394/5
3
1–166
1–200
16-TSSOP
up to 5
No
No
No
CY22388/89/91
4
1–100
4.2–166
16/20-TSSOP,
32-QFN
up to 8
No
Yes
No
Note
2. The CY3672 programmer can be used to program all Cypress chips. Refer to the CY3672 data sheet for programming procedures.


Similar Part No. - CY22392

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392FC CYPRESS-CY22392FC Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392FC CYPRESS-CY22392FC Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392FCT CYPRESS-CY22392FCT Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results

Similar Description - CY22392

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22800 CYPRESS-CY22800_07 Datasheet
547Kb / 10P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801_12 Datasheet
453Kb / 25P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801 Datasheet
255Kb / 7P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
   Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
CY22801 CYPRESS-CY22801_09 Datasheet
254Kb / 7P
   Universal Programmable Clock Generator
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com