Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6H-2F-U24VDC Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G6H-2F-U24VDC
Description  Ultra-compact, Ultra-sensitive DPDT Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6H-2F-U24VDC Datasheet(HTML) 5 Page - Omron Electronics LLC

  G6H-2F-U24VDC Datasheet HTML 1Page - Omron Electronics LLC G6H-2F-U24VDC Datasheet HTML 2Page - Omron Electronics LLC G6H-2F-U24VDC Datasheet HTML 3Page - Omron Electronics LLC G6H-2F-U24VDC Datasheet HTML 4Page - Omron Electronics LLC G6H-2F-U24VDC Datasheet HTML 5Page - Omron Electronics LLC G6H-2F-U24VDC Datasheet HTML 6Page - Omron Electronics LLC G6H-2F-U24VDC Datasheet HTML 7Page - Omron Electronics LLC G6H-2F-U24VDC Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
67
G6H
G6H
Note:
1. The ambient temperature is 23
°C.
2. High-frequency characteristics depend on the PCB to which the Relay is mounted. Always check these characteristics, including
endurance, in the actual machine before use.
High-frequency Characteristics (See notes 1 and 2.)
Frequency vs. Isolation
Frequency (MHz)
Frequency vs. Insertion Loss
Frequency vs. Return Loss, V.SWR
Frequency (MHz)
Distribution of Operate and
Release Time (See note 1.)
Frequency (MHz)
Unit: G6H-2
Distribution of Bounce Time
(See note 1.)
Time (ms)
Unit: G6H-2 at 5 VDC
Number of Units: 50
Operate
time
Release
time
Unit: G6H-2 at 5 VDC
Number of Units: 50
Operate bounce
time
Release
bounce time
Time (ms)
(Average value)
(Average value)
(Average value)
Unit: G6H-2
Number of Units: 5
0
50
100
0
20
50
100 200
500 1,000
0
20
50
100 200
500 1,000
0
1.0
2.0
Return loss
0
10
20
10
5
1
0
20
50
100
200
500 1,000
Unit: G6H-2
Number of Units: 5
V.SWR
Number of Units: 5
Unit: G6H-2


Similar Part No. - G6H-2F-U24VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6H-2F OMRON-G6H-2F Datasheet
131Kb / 4P
   Low Profile, Miniature, Surface Mount Relay
G6H-2F OMRON-G6H-2F Datasheet
526Kb / 10P
   Low Signal Relay
G6H-2F OMRON-G6H-2F Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2F12VDC OMRON-G6H-2F12VDC Datasheet
131Kb / 4P
   Low Profile, Miniature, Surface Mount Relay
G6H-2F24VDC OMRON-G6H-2F24VDC Datasheet
131Kb / 4P
   Low Profile, Miniature, Surface Mount Relay
More results

Similar Description - G6H-2F-U24VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6H-2-DC12 OMRON-G6H-2-DC12 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HU-2-DC5 OMRON-G6HU-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-F-DC5 OMRON-G6H-2-F-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HK-2-DC5 OMRON-G6HK-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-F-DC24 OMRON-G6H-2-F-DC24 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-DC5 OMRON-G6H-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6JU-2FS-YDC3 OMRON-G6JU-2FS-YDC3 Datasheet
347Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J-2FS OMRON-G6J-2FS Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J2FSY OMRON-G6J2FSY Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J-Y OMRON-G6J-Y_V01 Datasheet
304Kb / 8P
   Ultra-compact and Slim DPDT Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com