Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F066 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # C8051F066
Description  Mixed Signal ISP Flash MCU Family
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F066 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button C8051F066 Datasheet HTML 7Page - Silicon Laboratories C8051F066 Datasheet HTML 8Page - Silicon Laboratories C8051F066 Datasheet HTML 9Page - Silicon Laboratories C8051F066 Datasheet HTML 10Page - Silicon Laboratories C8051F066 Datasheet HTML 11Page - Silicon Laboratories C8051F066 Datasheet HTML 12Page - Silicon Laboratories C8051F066 Datasheet HTML 13Page - Silicon Laboratories C8051F066 Datasheet HTML 14Page - Silicon Laboratories C8051F066 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 328 page
background image
C8051F060/1/2/3/4/5/6/7
Rev. 1.2
11
Figure 7.14. ADC2LTL: ADC2 Less-Than Data Low Byte Register ......................... 98
Figure 7.15. ADC Window Compare Example: Right-Justified Single-Ended Data . 99
Figure 7.16. ADC Window Compare Example: Left-Justified Single-Ended Data.... 99
Figure 7.17. ADC Window Compare Example: Right-Justified Differential Data.... 100
Figure 7.18. ADC Window Compare Example: Left-Justified Differential Data ...... 100
8. DACs, 12-Bit Voltage Mode (DAC0 and DAC1, C8051F060/1/2/3) .................... 103
Figure 8.1. DAC Functional Block Diagram............................................................ 103
Figure 8.2. DAC0H: DAC0 High Byte Register ...................................................... 105
Figure 8.3. DAC0L: DAC0 Low Byte Register........................................................ 105
Figure 8.4. DAC0CN: DAC0 Control Register........................................................ 106
Figure 8.5. DAC1H: DAC1 High Byte Register ...................................................... 107
Figure 8.6. DAC1L: DAC1 Low Byte Register........................................................ 107
Figure 8.7. DAC1CN: DAC1 Control Register........................................................ 108
9. Voltage Reference 2 (C8051F060/2) .................................................................... 111
Figure 9.1. Voltage Reference Functional Block Diagram ..................................... 111
Figure 9.2. REF2CN: Reference Control Register 2 .............................................. 112
10. Voltage Reference 2 (C8051F061/3) ................................................................... 113
Figure 10.1. Voltage Reference Functional Block Diagram.................................... 113
Figure 10.2. REF2CN: Reference Control Register 2 ............................................ 114
11. Voltage Reference 2 (C8051F064/5/6/7) .............................................................. 115
Figure 11.1. Voltage Reference Functional Block Diagram.................................... 115
Figure 11.2. REF2CN: Reference Control Register 2 ............................................ 116
12. Comparators ......................................................................................................... 117
Figure 12.1. Comparator Functional Block Diagram .............................................. 117
Figure 12.2. Comparator Hysteresis Plot ............................................................... 118
Figure 12.3. CPTnCN: Comparator 0, 1, and 2 Control Register ........................... 120
Figure 12.4. CPTnMD: Comparator Mode Selection Register ............................... 121
13. CIP-51 Microcontroller ......................................................................................... 123
Figure 13.1. CIP-51 Block Diagram....................................................................... 124
Figure 13.2. Memory Map ...................................................................................... 130
Figure 13.3. SFR Page Stack................................................................................. 133
Figure 13.4. SFR Page Stack While Using SFR Page 0x0F To Access Port 5...... 134
Figure 13.5. SFR Page Stack After ADC2 Window Comparator Interrupt Occurs . 135
Figure 13.6. SFR Page Stack Upon PCA Interrupt Occurring During an ADC2 ISR....
136
Figure 13.7. SFR Page Stack Upon Return From PCA Interrupt ........................... 137
Figure 13.8. SFR Page Stack Upon Return From ADC2 Window Interrupt ........... 138
Figure 13.9. SFRPGCN: SFR Page Control Register ............................................ 139
Figure 13.10. SFRPAGE: SFR Page Register ....................................................... 139
Figure 13.11. SFRNEXT: SFR Next Register......................................................... 140
Figure 13.12. SFRLAST: SFR Last Register.......................................................... 140
Figure 13.13. SP: Stack Pointer ............................................................................. 148
Figure 13.14. DPL: Data Pointer Low Byte............................................................. 148
Figure 13.15. DPH: Data Pointer High Byte ........................................................... 148
Figure 13.16. PSW: Program Status Word............................................................. 149


Similar Part No. - C8051F066

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F066 SILABS-C8051F066 Datasheet
192Kb / 2P
   25 MIPS, 32 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F066 SILABS-C8051F066 Datasheet
5Mb / 330P
   8K ISP FLASH MCU Family
Rev. 1.3
More results

Similar Description - C8051F066

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com