Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39389-L9653-M100 Datasheet(PDF) 7 Page - EPCOS

Part # B39389-L9653-M100
Description  IF Filter for Audio Applications 33,90 MHz and 38,90 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39389-L9653-M100 Datasheet(HTML) 7 Page - EPCOS

  B39389-L9653-M100 Datasheet HTML 1Page - EPCOS B39389-L9653-M100 Datasheet HTML 2Page - EPCOS B39389-L9653-M100 Datasheet HTML 3Page - EPCOS B39389-L9653-M100 Datasheet HTML 4Page - EPCOS B39389-L9653-M100 Datasheet HTML 5Page - EPCOS B39389-L9653-M100 Datasheet HTML 6Page - EPCOS B39389-L9653-M100 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Mar 31, 2006
SAW Components
L 9653 M
33,90 MHz and 38,90 MHz
IF Filter for Audio Applications
Data Sheet
Published by EPCOS AG
Surface Acoustic Wave Components Division, SAW CE MM PD
P.O. Box 80 17 09, D-81617 München
© EPCOS AG 2001. All Rights Reserved.
As far as patents or other rights of third parties are concerned, liability is only assumed for compo-
nents per se, not for applications, processes and circuits implemented within components or
assemblies.
The information describes the type of component and shall not be considered as assured
characteristics.
Terms of delivery and rights to change design reserved.
For questions on technology, prices and delivery please contact the sales offices of EPCOS AG or
the international representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our sales offices.


Similar Part No. - B39389-L9653-M100

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39389-G1962-M100 EPCOS-B39389-G1962-M100 Datasheet
89Kb / 6P
   IF Filter for Intercarrier Applications 38,90 MHz
B39389-G1963-M100 EPCOS-B39389-G1963-M100 Datasheet
87Kb / 6P
   IF Filter for Intercarrier Applications
logo
List of Unclassifed Man...
B39389-G1965-M100 ETC1-B39389-G1965-M100 Datasheet
91Kb / 8P
   IF Filter for Intercarrier Applications
B39389-G3355-K100 ETC-B39389-G3355-K100 Datasheet
98Kb / 8P
   SAW COMPONENTS
logo
EPCOS
B39389-G3962-M100 EPCOS-B39389-G3962-M100 Datasheet
86Kb / 6P
   SAW Components
More results

Similar Description - B39389-L9653-M100

ManufacturerPart #DatasheetDescription
logo
EPCOS
K3953M EPCOS-K3953M Datasheet
90Kb / 6P
   IF Filter for Video Applications 33,90 MHz and 38,90 MHz
K9353M EPCOS-K9353M Datasheet
63Kb / 5P
   IF Filter for Audio Applications 38,90 MHz
G9353M EPCOS-G9353M Datasheet
69Kb / 5P
   IF Filter for Audio Applications 38,90 MHz
G1962M EPCOS-G1962M Datasheet
89Kb / 6P
   IF Filter for Intercarrier Applications 38,90 MHz
K3565M EPCOS-K3565M Datasheet
105Kb / 8P
   IF Filter for Quasi/Split Sound Applications 38,90 MHz
J3353K EPCOS-J3353K Datasheet
103Kb / 8P
   IF Filter for Quasi/Split Sound Applications 38,90 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB0809A TAI-SAW-TB0809A Datasheet
358Kb / 5P
   IF SAW Filter 33.9 & 38.9 MHz for Audio Applications
logo
EPCOS
K2959M EPCOS-K2959M Datasheet
90Kb / 6P
   IF Filter for Intercarrier Applications 38,00 MHz
K9362M EPCOS-K9362M Datasheet
69Kb / 5P
   IF Filter for Audio Applications
L9353M EPCOS-L9353M Datasheet
61Kb / 5P
   IF Filter for Audio Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com