Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXC7000-48-S Datasheet(PDF) 2 Page - Power-One

Part # FXC7000-48-S
Description  Distributed Power Front-End
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FXC7000-48-S Datasheet(HTML) 2 Page - Power-One

  FXC7000-48-S Datasheet HTML 1Page - Power-One FXC7000-48-S Datasheet HTML 2Page - Power-One FXC7000-48-S Datasheet HTML 3Page - Power-One FXC7000-48-S Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FXC7000 AC-DC Series Data Sheet
AUG 18, 2006 revised to JAN 09, 2007
Page 2 of 4
www.power-one.com
Output Specifications
PARAMETER
DESCRIPTION/CONDITIONS
MIN
NOM
MAX
UNITS
Output Voltage
An additional 1.0 Volt is provided to the output terminals to provide for
45.6
48
50.4
V
Adjustment Range
load lead losses.
Output Power
Continuous duty rating.
7000
Watts
Output Current
Continuous duty rating.
145
A
Efficiency
Full rated load (208Vac).
88
91
%
Regulation
Load, Maximum deviation with 0 to 100% load change:
With Remote Sense connected:
0.2
With Remote Sense not connected:
0.75
%
Utilizing Droop Current Share:
2.0
Line, Under all specified operating conditions.
0.2
Ripple & Noise
Measured at mating connector w/ 0.01µF + 10µF Tant.
20 MHz BW:
1
% p-p
100 MHz BW:
2
Overshoot / Undershoot
Output voltage overshoot/undershoot at turn-on.
0
%
Minimum Loads
Minimum loading required to maintain regulation.
0
A
Transient Response
Maximum recovery time, to within 1% of initial set
Time:
800
µs
point due to a 25% load change, 1A/µS.
Deviation:
3.2
%
Turn-On Delay
Time required for initial output voltage stabilization after power-up.
3
s
Turn-on Rise Time
Time required for output voltage to rise from 10% to 90%.
100
ms
Interface Signals and Internal Protection
PARAMETER (NOTE 1,2)
DESCRIPTION/CONDITIONS
MIN
NOM
MAX
UNITS
AC Power Fail Warning
Warning provided prior to Vout dropping 5% after loss of AC input.
4
ms
Auxiliary Power
Output voltage - diode isolated. Inclusive of line, load, and initial tolerances.
11.6
12.0
12.4
V
Output current.
500
mA
Current Monitor
Monitor output current over a compliance range of 0~10V.
Normal output:
0.10
mA/A
Total error current:
0.5
0.5
mA
Current Share
Static sharing deviation as a percent of full-load rating
Active:
5
%
for loads >10%.
Passive:
10
Input Range Select Status
Maximum signal resistance in high input voltage range selection.
0.10
Loss of Phase Warning
Warning provided prior to protective reduction in current limit.
500
ms
Output Inhibit
Voltage required to enable supply (0.5 mA sink). (NOTE 3)
1.0
V
Output Interlock
Voltage required to enable supply (6 mA sink). (NOTE 3)
1.0
V
Output Overload Protection
Straight line current limit (above approx. 5V Vout).
149
156
A
Output Overload Warning
Signal level on overload.
2.2
V
Output Short Circuit Protection
Occurs on overload when Vout is below approx. 5V.
Iavg:
25
90
A
May operate in burst-mode.
Output Voltage Fault Signal
Deviation from adjusted Vout that is considered as a fault.
±3
±4
±5
%
Output Voltage Margin
Output voltage swing available through Margin pin (analog).
±4.8
±5.0
±5.2
%
Overtemperature/
Time between fault warning and shutdown.
100
ms
Fan Failure Warning
Latching shutdown.
Overvoltage Protection
Latch style overvoltage protection.
55.2
57.6
60.0
V
Power Supply Present Signal
Resistance to logic ground upon insertion of supply.
1000
Remote Sense
Maximum load lead loss compensation (round trip).
1.0
V
NOTES: 1) All logic outputs listed below feature a standard active pull-down output with 0.4V max at 40 mA sink capability, and a 100k pull-up to 5V.
2) In addition to those listed below, signals and front-panel LEDs are provided to indicate: overtemperature/fan fault, AC phase
imbalance, output good, interlock open, and supply inhibited. The FXP also provides 4 LED’s indicating output loading.
3) Both signals must be pulled to logic ground for the unit to operate. Enables are 100% redundant internally for applications where redundant inhibit is desirable.
Contact factory for additional design details.


Similar Part No. - FXC7000-48-S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FXC7000-48-SG BEL-FXC7000-48-SG Datasheet
857Kb / 5P
   Suitable for 3U or 5U Height Mounting
More results

Similar Description - FXC7000-48-S

ManufacturerPart #DatasheetDescription
logo
Power-One
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
   Distributed Power Front-End
FXP7000 POWER-ONE-FXP7000 Datasheet
357Kb / 8P
   Distributed Power Front-End
FXP6000 POWER-ONE-FXP6000 Datasheet
359Kb / 8P
   Distributed Power Front-End
logo
Artesyn Technologies
DS650-3 ARTESYN-DS650-3 Datasheet
575Kb / 4P
   Distributed Power Bulk Front-End
DS450-3 ARTESYN-DS450-3 Datasheet
673Kb / 4P
   Distributed Power Bulk Front-End
DS850DC-3 ARTESYN-DS850DC-3 Datasheet
1Mb / 4P
   Distributed Power Bulk Front-End
DS1050-3 ARTESYN-DS1050-3 Datasheet
718Kb / 4P
   Distributed Power Bulk Front-End
DS450DC-3 ARTESYN-DS450DC-3 Datasheet
1Mb / 4P
   Distributed Power Bulk Front-End
HPS3000-9 ARTESYN-HPS3000-9_16 Datasheet
1Mb / 9P
   Distributed Power Bulk Front-End
DS3000PE ARTESYN-DS3000PE Datasheet
656Kb / 8P
   Distributed Power Bulk Front-end Single Ouptut Standard Total Output Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com