Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE84140 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # PE84140
Description  Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE84140 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  PE84140 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE84140 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE84140 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE84140 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE84140 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE84140 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE84140 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1 of 7
Document No. 70-0127-02
│ www.psemi.com
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
The PE84140 is an ultra-high linearity, passive broadband
Quad MOSFET array with high dynamic range performance
capable of operation beyond 6.0 GHz. This quad array
operates with differential signals at all ports (RF, LO, IF),
allowing mixers to be built that use LO powers from -7 dBm to
+20 dBm. Typical applications range from frequency up/down-
conversion to phase detection for Cellular/PCS Base Stations,
Wireless Broadband Communications and STB/Cable
modems.
The PE84140 is optimized for stringent military applications. It
is manufactured on Peregrine’s UltraCMOS™ process, a
patented variation of silicon-on-insulator (SOI) technology on a
sapphire substrate, offering the performance of GaAs with the
economy and integration of conventional CMOS.
Product Specification
Ultra-High Linearity UltraCMOS™
Broadband Quad MOSFET Array
Product Description
Figure 1. Functional Diagram
PE84140
Features
Ultimate Quad MOSFET array
Ultra-high linearity, broadband
performance beyond 6.0 GHz
Ideal for mixer applications
Up/down conversion
Low conversion loss
High LO Isolation
Optimized for stringent military
applications
Figure 2. Package Type
Table 1. AC and DC Electrical Specifications @ +25 °C
Note 1: Typical untested operating frequency range of Quad MOSFET transistors.
8-lead MSOP
RF
LO
IF
Symbol
Characteristics
Min
Typ
Max
Units
Test Conditions
FTYP
Operating Frequency Range1
DC
6.0
GHz
VDS
Drain-Source Voltage
330
mV
VGS = +3V, IDS = 40 mA
VDS Match
Drain-Source Voltage Match
20
mV
VT
Threshold Voltage
-100
mV
VDS = 0.1V; per ASTM F617-00
R DS
Drain-Source ‘ON’ Resistance
8.25
VGS = +3V, IDS = 40 mA


Similar Part No. - PE84140

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE84140 PEREGRINE-PE84140 Datasheet
186Kb / 5P
   Ultra-High Linearity Broadband Quad MOSFET Array
PE84140-EK PEREGRINE-PE84140-EK Datasheet
186Kb / 5P
   Ultra-High Linearity Broadband Quad MOSFET Array
More results

Similar Description - PE84140

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4140 PSEMI-PE4140 Datasheet
269Kb / 10P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array
logo
Peregrine Semiconductor...
PE4140 PEREGRINE-PE4140 Datasheet
285Kb / 10P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array Features
PE84140 PEREGRINE-PE84140 Datasheet
186Kb / 5P
   Ultra-High Linearity Broadband Quad MOSFET Array
logo
Peregrine Semiconductor
PE4141 PSEMI-PE4141 Datasheet
195Kb / 5P
   Ultra-linear UltraCMOS Broadband Quad MOSFET Array
PE4141 PSEMI-PE4141_14 Datasheet
796Kb / 5P
   Ultra-linear UltraCMOS??Broadband Quad MOSFET Array
logo
Peregrine Semiconductor...
PE4135 PEREGRINE-PE4135 Datasheet
293Kb / 9P
   High Linearity UltraCMOS??Quad MOSFET Mixer
logo
Peregrine Semiconductor
PE4140-DIE PSEMI-PE4140-DIE Datasheet
847Kb / 10P
   Ultra-High Linearity UltraCMOS?
logo
Peregrine Semiconductor...
PE4140 PEREGRINE-PE4140 Datasheet
269Kb / 10P
   Ultra-High Linearity UltraCMOS
logo
Peregrine Semiconductor
PE4140 PSEMI-PE4140_14 Datasheet
847Kb / 10P
   Ultra-High Linearity UltraCMOS?
logo
Lucky Light Electronic
PE4141 LUCKY-LIGHT-PE4141_15 Datasheet
195Kb / 5P
   Broadband Quad MOSFET Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com