Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2308P Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT2308P
Description  2-Channel 300mW Class AB Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2308P Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT2308P Datasheet HTML 2Page - Princeton Technology Corp PT2308P Datasheet HTML 3Page - Princeton Technology Corp PT2308P Datasheet HTML 4Page - Princeton Technology Corp PT2308P Datasheet HTML 5Page - Princeton Technology Corp PT2308P Datasheet HTML 6Page - Princeton Technology Corp PT2308P Datasheet HTML 7Page - Princeton Technology Corp PT2308P Datasheet HTML 8Page - Princeton Technology Corp PT2308P Datasheet HTML 9Page - Princeton Technology Corp PT2308P Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2308P V1.0
- 6 -
November, 2005
2-Channel 300mW Class AB Power Amplifier
PT2308P
4. Output Coupling Capacitor Co
Single power single-ended (SE) configuration generates a DC bias at the output of the amplifier; a
coupling capacitor must be placed at the output to block the DC bias from being sent to the load and
connect a RL at the signal output terminal. The low cut-off frequency may be needs to adjust to
correspond to different load (speaker or earphone) specifications. Similar to the input coupling
capacitor, the output coupling capacitor and impedance of the load form a 1st order high-pass filter,
the low cut-off frequency is determined by the equation:
fc(highpass)=1/2πRLCo
The diagram below shows the frequency response when: Co=1000µF/470µF/220µF/100µF.
5. Discharging Resistor (R3)
When the PT2308 is powered ON, the output coupling capacitor Co will start charging. When there is
no load connected at Vout, there will be a DC voltage present. At this time, if a load is suddenly
connected (usually earphone or speaker for general applications), the charged Co will then
discharge through Vout to the load, causing a very loud popping sound, thus, it is recommended to
connect a R3 to regulate the discharge of Co.
The time it takes to discharge is T=CoR3.
The recommended resistance value for R3 is between 1K
Ω ~ 10KΩ, to prevent loading effect from the
amplifier. If the load (ex. Speaker) is permanently connected then R3 can be neglected.


Similar Part No. - PT2308P

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2308P PTC-PT2308P Datasheet
273Kb / 8P
   2-Channel 300mW Class AB Power Amplifier
PT2308P-S PTC-PT2308P-S Datasheet
273Kb / 8P
   2-Channel 300mW Class AB Power Amplifier
PT2308P PTC-PT2308P_09 Datasheet
273Kb / 8P
   2-Channel 300mW Class AB Power Amplifier
More results

Similar Description - PT2308P

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2308P PTC-PT2308P_09 Datasheet
273Kb / 8P
   2-Channel 300mW Class AB Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
ETK4800 YONGFUKANG-ETK4800 Datasheet
209Kb / 3P
   2-channel class AB headphone amplifier
logo
SONiX Technology Compan...
SNAP01 SONIX-SNAP01 Datasheet
153Kb / 15P
   Class AB Power Amplifier
logo
Princeton Technology Co...
PT2305 PTC-PT2305 Datasheet
198Kb / 3P
   2.5W 횞 2 Class AB Audio Power Amplifier
PT2305 PTC-PT2305_05 Datasheet
542Kb / 27P
   2.5W 횞 2 Class AB Audio Power Amplifier
logo
Unisonic Technologies
PA7493 UTC-PA7493_15 Datasheet
278Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER
logo
Princeton Technology Co...
PT2300 PTC-PT2300 Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
PT2303 PTC-PT2303 Datasheet
425Kb / 17P
   2W 횞 2 Class AB Audio Power Amplifier
logo
Sanyo Semicon Device
STK402-250 SANYO-STK402-250 Datasheet
108Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC
logo
Princeton Technology Co...
PT2366 PTC-PT2366_10 Datasheet
212Kb / 5P
   1W Class-AB Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com