Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2308P-S Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT2308P-S
Description  2-Channel 300mW Class AB Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2308P-S Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PT2308P-S Datasheet HTML 3Page - Princeton Technology Corp PT2308P-S Datasheet HTML 4Page - Princeton Technology Corp PT2308P-S Datasheet HTML 5Page - Princeton Technology Corp PT2308P-S Datasheet HTML 6Page - Princeton Technology Corp PT2308P-S Datasheet HTML 7Page - Princeton Technology Corp PT2308P-S Datasheet HTML 8Page - Princeton Technology Corp PT2308P-S Datasheet HTML 9Page - Princeton Technology Corp PT2308P-S Datasheet HTML 10Page - Princeton Technology Corp PT2308P-S Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2308P V1.0
- 7 -
November, 2005
2-Channel 300mW Class AB Power Amplifier
PT2308P
ABSOLUTE MAXIMUM RATING
Parameter
Symbol
Rating
Unit
Supply voltage
VDD
8
V
Operating temperature
Topr
-40
∼+85
Storage temperature
Tstg
-65
∼+150
ELECTRONICAL CHARACTERISTICS
(Unless otherwise specified, VDD=5V, VSS=0V, Ta=25℃, fin=1KHz, RL=8Ω)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply voltage
VDD
2.7
5
5.5
V
Supply current
IDD
No Load
-
3
4
mA
Input offset
voltage
VI(OS)
-
5
50
mV
PO=200mW, RL=8Ω, F=1KHZ
-
0.04
0.1
%
Total harmonic
distortion
THD+N
PO=120mW, RL=16Ω, F=1KHZ
-
0.03
0.06
%
THD=0.2%, f=1KHz, RL=8Ω
200
250
-
mW
THD=0.2%, f=1KHz, RL=16Ω
100
130
-
mW
THD=10%, f=1KHz, RL=8Ω
250
300
-
mW
Maximum
Output Power
PO
THD=10%, f=1KHz, RL=16Ω
160
190
-
mW
Output noise
VN
-
20
50
µV
VDD=3V
Supply current
IDD
No Load
-
2
3
mA
Input offset
voltage
VI(OS)
-
5
50
mV
PO=50mW, RL=8Ω, F=1KHZ
-
0.02
0.05
%
Total harmonic
distortion
THD+N
PO=40mW, RL=16Ω, F=1KHZ
-
0.02
0.05
%
THD=0.2%, f=1KHz, RL=8Ω
60
80
-
mW
THD=0.2%, f=1KHz, RL=16Ω
40
50
-
mW
THD=10%, f=1KHz, RL=8Ω
70
100
-
mW
Maximum
output power
PO
THD=10%, f=1KHz, RL=16Ω
55
70
-
mW
Output noise
VN
-
20
50
µV


Similar Part No. - PT2308P-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2308P-S PTC-PT2308P-S Datasheet
273Kb / 8P
   2-Channel 300mW Class AB Power Amplifier
More results

Similar Description - PT2308P-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2308P PTC-PT2308P_09 Datasheet
273Kb / 8P
   2-Channel 300mW Class AB Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
ETK4800 YONGFUKANG-ETK4800 Datasheet
209Kb / 3P
   2-channel class AB headphone amplifier
logo
SONiX Technology Compan...
SNAP01 SONIX-SNAP01 Datasheet
153Kb / 15P
   Class AB Power Amplifier
logo
Princeton Technology Co...
PT2305 PTC-PT2305 Datasheet
198Kb / 3P
   2.5W 횞 2 Class AB Audio Power Amplifier
PT2305 PTC-PT2305_05 Datasheet
542Kb / 27P
   2.5W 횞 2 Class AB Audio Power Amplifier
logo
Unisonic Technologies
PA7493 UTC-PA7493_15 Datasheet
278Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER
logo
Princeton Technology Co...
PT2300 PTC-PT2300 Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
PT2303 PTC-PT2303 Datasheet
425Kb / 17P
   2W 횞 2 Class AB Audio Power Amplifier
logo
Sanyo Semicon Device
STK402-250 SANYO-STK402-250 Datasheet
108Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC
logo
Princeton Technology Co...
PT2366 PTC-PT2366_10 Datasheet
212Kb / 5P
   1W Class-AB Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com