Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVP-24 Datasheet(PDF) 1 Page - Power-One

Part # OVP-24
Description  Linear Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

OVP-24 Datasheet(HTML) 1 Page - Power-One

  OVP-24 Datasheet HTML 1Page - Power-One OVP-24 Datasheet HTML 2Page - Power-One OVP-24 Datasheet HTML 3Page - Power-One OVP-24 Datasheet HTML 4Page - Power-One OVP-24 Datasheet HTML 5Page - Power-One OVP-24 Datasheet HTML 6Page - Power-One OVP-24 Datasheet HTML 7Page - Power-One OVP-24 Datasheet HTML 8Page - Power-One OVP-24 Datasheet HTML 9Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Linear Power Supplies Data Sheet
SEP 26, 2006 revised to MAR 06, 2007
Page 1 of 9
www.power-one.com
Power-One produces the industry’s broadest selection of
Linear power supplies with output voltages from 5 volts
through 250 volts. Rugged technology and proven design
merge to create quiet, highly-regulated, dependable
DC power.
The Linear power supplies are approved to domestic and
international regulatory standards, and are CE Marked to
the Low Voltage Directive (LVD).
• RoHS lead-free solder and lead-solder-exempted
products are available
• Worldwide AC Input Capabilities:
100/120/220/230/240 VAC
• ±0.05% Output Regulation
• Low Output Ripple
• UL, CSA, and TÜV Approvals
• Mean Time Before Failure (MTBF) in Excess of
300,000 Hours
• CE marked to Low Voltage Directive
• 100% Burn-In
• 2 Year Warranty
• Overvoltage Protection (OVP) Standard on 5V
Single Outputs, Optional for other outputs
under 48V
Features
Description
OVERVOLTAGE PROTECTION OPTIONS
These optional overvoltage protection modules are offered for use with
Power-One’s Linear power supplies. Each is user adjustable from 6.4V to 34V.
OVP SELECTION GUIDE
MODEL
CASE SIZE
OVP MODULES REQUIRED
SINGLE
B,C,N,D
(1) OVP-12
OUTPUT
E,F
(1) OVP-24
DUAL
AA,B,BB,CC
(1) OVP-12 protects both outputs
OUTPUT
E
(1) OVP-24 protects both outputs
TRIPLE
AA,BAA,D
(1) OVP-12 protects both 12V
OUTPUT
CBB, 131
through 15V outputs
DBB,DCC
PEAK
N,BAA,CBB
CURRENT
131, CP340-A
(1) OVP-12 protects any output
MODELS
CP510-A
not provided with built-in OVP
NOTE:
Outputs with factory built-in OVP are indicated in the Voltage/Current Rating
Chart for each model. OVP is not available for 48V through 250V models.
OVP-12
OVP-24
Overvoltage Protection Options
Ordering Information:
To order a model with RoHS lead solder exemption compliance, no
RoHS suffix character is required to be added to the part number.
To order a model that is RoHS compliant for all six substances, add “G”
as the last character of the part number.


Similar Part No. - OVP-24

ManufacturerPart #DatasheetDescription
logo
Power-One
OVP-AG POWER-ONE-OVP-AG Datasheet
478Kb / 9P
   Linear Power Supplies Data Sheet
More results

Similar Description - OVP-24

ManufacturerPart #DatasheetDescription
logo
Power-One
HTAA-16W-AG POWER-ONE-HTAA-16W-AG Datasheet
478Kb / 9P
   Linear Power Supplies Data Sheet
HC15-3-A POWER-ONE-HC15-3-A Datasheet
478Kb / 9P
   Linear Power Supplies Data Sheet
logo
TDK Electronics
NNS155 TDK-NNS155 Datasheet
551Kb / 2P
   High Reliability 15 to 90W Linear Power Supplies
NND151515 TDK-NND151515 Datasheet
551Kb / 2P
   High Reliability 15 to 90W Linear Power Supplies
logo
Maxim Integrated Produc...
MAX8710 MAXIM-MAX8710 Datasheet
618Kb / 25P
   Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
logo
Semtech Corporation
SC1116 SEMTECH-SC1116 Datasheet
238Kb / 11P
   Linear FET Controller For DDR Supplies
logo
Advantech Co., Ltd.
PS-700ATX-ZE ADVANTECH-PS-700ATX-ZE Datasheet
130Kb / 1P
   Power Supplies
logo
Bel Fuse Inc.
ABC400 BEL-ABC400 Datasheet
1Mb / 11P
   Power Supplies
logo
ADL Embedded Solutions
ADLPS35-150 ADL-ADLPS35-150 Datasheet
910Kb / 2P
   Power Supplies
ADLPS104ISO-150 ADL-ADLPS104ISO-150 Datasheet
391Kb / 1P
   Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com