Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCW301Z Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # FCW301Z
Description  FLASH LED DEVICE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

FCW301Z Datasheet(HTML) 5 Page - Seoul Semiconductor

  FCW301Z Datasheet HTML 1Page - Seoul Semiconductor FCW301Z Datasheet HTML 2Page - Seoul Semiconductor FCW301Z Datasheet HTML 3Page - Seoul Semiconductor FCW301Z Datasheet HTML 4Page - Seoul Semiconductor FCW301Z Datasheet HTML 5Page - Seoul Semiconductor FCW301Z Datasheet HTML 6Page - Seoul Semiconductor FCW301Z Datasheet HTML 7Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4. Soldering Profile
Reflow Soldering Conditions/ Profile
(1) Lead Solder
-Preliminary heating to be at 150℃max. for 2 minutes max.
-Soldering heat to be at 240℃max. for 5 seconds max.
Temperature
rise: 5°C/sec.
-5°C/sec.
Cooling:
Pre-heating
Operation heating
60 to 120 sec.
5sec. max
120
150
240
°C
0
(2) Lead-Free Solder
-Preliminary heating to be at 150℃max. for 2 minutes max.
-Soldering heat to be at 260℃max. for 10 seconds max.
120
60 to 120 sec.
0
260
150
°C
Pre-heating
rise: 5°C/sec.
Temperature
5 to 10 sec.
Operation heating
-5°C/sec.
Cooling:
(3) Hand Soldering conditions
-Not more than 3 seconds @MAX280℃, under Soldering iron.
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 5/7 -
FCW301Z
SSC-QP-0401-06(REV.0)


Similar Part No. - FCW301Z

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
FCW300Z SEOUL-FCW300Z Datasheet
501Kb / 7P
   FLASH LED DEVICE
FCW302 SEOUL-FCW302 Datasheet
278Kb / 9P
   Package: 3.5*2.8*0.85 mm Applications: Mobile Handset Flash Light
More results

Similar Description - FCW301Z

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-ZCWT824K SEOUL-SSC-ZCWT824K Datasheet
676Kb / 11P
   FLASH LED DEVICE
FCW300Z SEOUL-FCW300Z Datasheet
501Kb / 7P
   FLASH LED DEVICE
FCW100Z SEOUL-FCW100Z Datasheet
575Kb / 9P
   FLASH LED DEVICE
FCW101Z SEOUL-FCW101Z Datasheet
577Kb / 9P
   FLASH LED DEVICE
FCW200Z SEOUL-FCW200Z Datasheet
498Kb / 7P
   FLASH LED DEVICE
FCW201Z SEOUL-FCW201Z Datasheet
482Kb / 7P
   FLASH LED DEVICE
SSC-FCW211Z SEOUL-SSC-FCW211Z Datasheet
510Kb / 7P
   FLASH LED DEVICE
FCW100Z SEOUL-FCW100Z_1 Datasheet
324Kb / 12P
   FLASH LED DEVICE
logo
CITIZEN ELECTRONICS CO....
CL-770S CITIZEN-CL-770S_12 Datasheet
87Kb / 1P
   Flash LED
CL-690S CITIZEN-CL-690S_12 Datasheet
123Kb / 2P
   Flash LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com