Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA6323T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TEA6323T
Description  Sound fader control circuit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6323T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA6323T Datasheet HTML 3Page - NXP Semiconductors TEA6323T Datasheet HTML 4Page - NXP Semiconductors TEA6323T Datasheet HTML 5Page - NXP Semiconductors TEA6323T Datasheet HTML 6Page - NXP Semiconductors TEA6323T Datasheet HTML 7Page - NXP Semiconductors TEA6323T Datasheet HTML 8Page - NXP Semiconductors TEA6323T Datasheet HTML 9Page - NXP Semiconductors TEA6323T Datasheet HTML 10Page - NXP Semiconductors TEA6323T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
1995 Dec 20
7
Philips Semiconductors
Preliminary specification
Sound fader control circuit
TEA6323T
CHARACTERISTICS
VCC = 8.5 V; RS = 600 Ω; RL =10kΩ; CL = 2.5 nF; AC coupled; f = 1 kHz; Tamb =25 °C; gain control Gv = 0 dB; bass
linear; treble linear; fader off; balance in mid position; loudness off; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
7.5
8.5
9.5
V
ICC
supply current
26
33
mA
VDC
internal DC voltage at inputs and
outputs
3.83
4.25
4.68
V
Vref
internal reference voltage at pin 26
4.25
V
Gv(max)
maximum voltage gain
RS =0 Ω; RL = ∞
19
20
21
dB
Vo(rms)
output voltage level for
Pmax at the power output stage
THD
≤ 0.5%; see Fig.10
2000
mV
start of clipping
THD = 1%; Gv = 3 dB
2300
−−
mV
RL =2kΩ; CL = 10 nF;
THD = 1%
2000
−−
mV
Vi(rms)
input sensitivity
Vo = 2000 mV; Gv =20dB −
200
mV
fro
roll-off frequency
CKIN = 220 nF;
CKVL = 220 nF; Zi =Zi(min)
low frequency (
−1 dB)
60
−−
Hz
low frequency (
−3 dB)
30
−−
Hz
high frequency (
−1 dB)
20000
−−
Hz
CKIN = 470 nF;
CKVL = 100 nF; Zi =Zi(typ)
low frequency (
−3 dB)
17
−−
Hz
α
cs
channel separation
Vi = 2 V; frequency range
250 Hz to 10 kHz
74
80
dB
THD
total harmonic distortion
frequency range
20 Hz to 12.5 kHz
Vi = 100 mV; Gv =20dB −
0.1
%
Vi = 1 V; Gv =0dB
0.05
0.1
%
Vi = 2 V; Gv =0dB
0.1
%
Vi = 2 V; Gv = −10 dB
0.1
%
RR
ripple rejection
Vr(rms) < 200 mV
f = 100 Hz
70
76
dB
f = 40 Hz to 12.5 kHz
66
dB


Similar Part No. - TEA6323T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6320T PHILIPS-TEA6320T Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6321T PHILIPS-TEA6321T Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6322 PHILIPS-TEA6322 Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
More results

Similar Description - TEA6323T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6322T PHILIPS-TEA6322T Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6300 PHILIPS-TEA6300 Datasheet
180Kb / 22P
   Sound fader control circuit
May 1990
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6330T PHILIPS-TEA6330T Datasheet
158Kb / 19P
   Sound fader control circuit for car radios
January 1992
logo
Princeton Technology Co...
PT2318 PTC-PT2318 Datasheet
51Kb / 3P
   Sound Fader Controller IC
logo
NXP Semiconductors
TEA6324T PHILIPS-TEA6324T Datasheet
250Kb / 36P
   Sound control circuit
1997 Mar 13
logo
Princeton Technology Co...
PT2318 PTC-PT2318_10 Datasheet
480Kb / 28P
   Sound Fader Controller IC
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
   Video Gain Control/Fader
logo
Elantec Semiconductor
EL4094C ELANTEC-EL4094C Datasheet
311Kb / 12P
   Video Gain Control/Fader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com