Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSC-GR101 Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # SSC-GR101
Description  CHIP LED DEVICE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-GR101 Datasheet(HTML) 3 Page - Seoul Semiconductor

  SSC-GR101 Datasheet HTML 1Page - Seoul Semiconductor SSC-GR101 Datasheet HTML 2Page - Seoul Semiconductor SSC-GR101 Datasheet HTML 3Page - Seoul Semiconductor SSC-GR101 Datasheet HTML 4Page - Seoul Semiconductor SSC-GR101 Datasheet HTML 5Page - Seoul Semiconductor SSC-GR101 Datasheet HTML 6Page - Seoul Semiconductor SSC-GR101 Datasheet HTML 7Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4. Characteristic Diagram
Forward Current vs Forward Voltage
1.
40
30
20
10
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 3/7 -
SSC-GR101
SSC-QP-0401-06(REV.1)
Relative Intensity vs Forward Current
Radiation Diagram
Forward Current Derating Curve
6
1.8
2.0
2.2
2.4
0.1
1
10
100
Forward Votage V
F(V)
-5
0
5
10
15
20
25
30
35
40
45
0
20
40
60
80
100
120
140
160
180
200
Forward Current I
F (mA)
-25
0
25
50
75
100
0
Ambient temperature Ta( )


Similar Part No. - SSC-GR101

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-GR202 SEOUL-SSC-GR202 Datasheet
182Kb / 9P
   Surface-mounted and leadless chip LED device
More results

Similar Description - SSC-GR101

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-HB105-69 SEOUL-SSC-HB105-69 Datasheet
409Kb / 7P
   CHIP LED DEVICE
SSC-HB105-LA SEOUL-SSC-HB105-LA Datasheet
423Kb / 7P
   CHIP LED DEVICE
SSC-FR104 SEOUL-SSC-FR104 Datasheet
388Kb / 7P
   CHIP LED DEVICE
SSC-UY101-IE1 SEOUL-SSC-UY101-IE1 Datasheet
465Kb / 7P
   CHIP LED DEVICE
WH1222 SEOUL-WH1222 Datasheet
444Kb / 8P
   CHIP LED DEVICE
SSC-THB105-69 SEOUL-SSC-THB105-69 Datasheet
427Kb / 7P
   CHIP LED DEVICE
SSC-UY401 SEOUL-SSC-UY401 Datasheet
515Kb / 7P
   CHIP LED DEVICE
SSC-HBFR411-SK SEOUL-SSC-HBFR411-SK Datasheet
261Kb / 7P
   CHIP LED DEVICE
WH104-S SEOUL-WH104-S Datasheet
394Kb / 10P
   CHIP LED DEVICE
NB104-S SEOUL-NB104-S Datasheet
503Kb / 8P
   CHIP LED DEVICE
SSC-FR104-II1 SEOUL-SSC-FR104-II1 Datasheet
388Kb / 7P
   CHIP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com