Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOR4140-2RLD Datasheet(PDF) 10 Page - Power-One

Part # LOR4140-2RLD
Description  DIN-Rail Mountable AC-DC (DC-DC) Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LOR4140-2RLD Datasheet(HTML) 10 Page - Power-One

Back Button LOR4140-2RLD Datasheet HTML 4Page - Power-One LOR4140-2RLD Datasheet HTML 5Page - Power-One LOR4140-2RLD Datasheet HTML 6Page - Power-One LOR4140-2RLD Datasheet HTML 7Page - Power-One LOR4140-2RLD Datasheet HTML 8Page - Power-One LOR4140-2RLD Datasheet HTML 9Page - Power-One LOR4140-2RLD Datasheet HTML 10Page - Power-One LOR4140-2RLD Datasheet HTML 11Page - Power-One LOR4140-2RLD Datasheet HTML 12Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SEP 09, 2005 revised to JUL 17, 2006
Page 10 of 12
www.power-one.com
LOS, LOR, LOK4000 Series Data Sheet
DIN-Rail Mountable AC-DC (DC-DC) Converters
Under test conditions the leakage current flows through a
measuring instrument (MI) as described in fig. Measuring
instrument for earth leakage current tests, which takes into
account impedance and sensitivity of a person touching
accessible parts. The current value is calculated by dividing
the measured voltage by 500 W. If inputs and/or outputs of
LOS, LOR, or LOK models are connected in parallel, their
individual leakage currents are added.
Leakage Currents in AC-DC Operation
Leakage currents flow due to internal leakage capacitance and
RFI suppression Y-capacitors. The current values are
proportional to the mains voltage and nearly proportional to the
mains frequency and are specified at an input voltage of 264 V
(50 Hz) where phase, neutral and protective earth are correctly
connected as required for class I equipment.
Fig. 11
Measuring instrument (MI) for earth leakage current tests
according to IEC/EN 60950.
Table 11: Leakage currents
Characteristic
LOK
Unit
Maximum earth
Permissible according to IEC/EN 60950
3.5
mA
leakage current
Specified value at 264 V, 50 Hz
1.0
Maximum output
Permissible according to IEC/EN 60950
0.25
leakage current
Specified value at 264 V, 50 Hz
0.035
V
MI
500
1500
10 k
Ω 220 nF
22 nF
MI for
output
leakage
current
Vo+
Vo-
10053
MI for
earth
leakage
current
L
L
N
N
Fig. 12
Test setup.


Similar Part No. - LOR4140-2RLD

ManufacturerPart #DatasheetDescription
logo
Power-One
LOR4301-2 POWER-ONE-LOR4301-2 Datasheet
52Kb / 4P
   15, 30 and 50 Watt AC-DC Converters
LOR4601-2 POWER-ONE-LOR4601-2 Datasheet
52Kb / 4P
   15, 30 and 50 Watt AC-DC Converters
More results

Similar Description - LOR4140-2RLD

ManufacturerPart #DatasheetDescription
logo
Power-One
LOK4240-2RLDG POWER-ONE-LOK4240-2RLDG Datasheet
359Kb / 10P
   LOS, LOR, LOK4000 Series Data Sheet DIN-Rail Mountable AC-DC (DC-DC) Converters
logo
Chinfa Electronics Ind....
VRH100-12 CHINFA-VRH100-12_10 Datasheet
405Kb / 4P
   2PH / Single PH AC - DC DIN RAIL MOUNTABLE
DRA100-12A CHINFA-DRA100-12A Datasheet
404Kb / 4P
   AC - DC DIN RAIL MOUNTABLE INDUSTRIAL CONTROL EQUIPMENT
logo
Bel Fuse Inc.
LDD120 BEL-LDD120 Datasheet
575Kb / 5P
   120W DIN Rail DC/DC converters
logo
Power-One
XSERIES POWER-ONE-XSERIES Datasheet
544Kb / 22P
   375, 500 Watt AC-DC and DC-DC DIN-Rail Converters
logo
Chinfa Electronics Ind....
DRAN60-12A CHINFA-DRAN60-12A Datasheet
353Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
logo
XP Power Limited
DRF50US24-N1 XPPOWER-DRF50US24-N1 Datasheet
170Kb / 2P
   AC-DC DIN Rail
logo
CUI INC
VDRS-100 CUI-VDRS-100_V01 Datasheet
592Kb / 4P
   AC-DC DIN RAIL
01/10/2017
logo
Powerbox
PBDR10 POWERBOX-PBDR10 Datasheet
226Kb / 1P
   10 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBDRN60 POWERBOX-PBDRN60 Datasheet
98Kb / 1P
   60 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com