Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC79076 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC79076
Description  Electronic Ignition Control Circuit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC79076 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC79076_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC79076_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC79076_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC79076_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC79076_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC79076_07 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC79076_07 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC79076_07 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC79076_07 Datasheet HTML 13Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
79076
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
RPM Detect Threshold (27)
VCC = 16 V, Ref/Dwell = Advance = 3.0 V, EST = Bypass = 0 V
VTH-(RPM)
0.8
0.92
1.0
V
RPM Detect Charge Current
VCC = 16 V, Ref/Dwell = 3.0 V, Advance = 1.0 V, EST = Bypass = 0 V
I(RPM)CHG
-
-2.0
-
mA
Notes
27.
Decreasing Threshold; RPM Detect voltage decreased from 0.6 V until Dwell voltage transitions low to 1.5 V with 10 mA load.
Table 2. Static Electrical Characteristics (continued)
Characteristics noted under conditions 7.0 V
≤ V
CC ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC79076_07

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC79076DW MOTOROLA-MC79076DW Datasheet
64Kb / 2P
   ELECTRONIC IGNITION CONTROL CIRCUIT
logo
NXP Semiconductors
MC79076DW/R2 NXP-MC79076DW/R2 Datasheet
522Kb / 13P
   Electronic Ignition Control Circuit
Rev. 3.0, 3/2007
More results

Similar Description - MC79076_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
79076 NXP-79076 Datasheet
522Kb / 13P
   Electronic Ignition Control Circuit
Rev. 3.0, 3/2007
logo
Motorola, Inc
MC79076 MOTOROLA-MC79076 Datasheet
64Kb / 2P
   ELECTRONIC IGNITION CONTROL CIRCUIT
logo
Mallory performance clu...
686M MALLORY-686M_14 Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M_14 Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6861M MALLORY-6861M Datasheet
785Kb / 12P
   ELECTRONIC IGNITION CONTROL
6852M MALLORY-6852M Datasheet
1Mb / 36P
   ELECTRONIC IGNITION CONTROL
6855M MALLORY-6855M Datasheet
218Kb / 12P
   ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
686M MALLORY-686M Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
logo
STMicroelectronics
ICC03-400B2 STMICROELECTRONICS-ICC03-400B2 Datasheet
47Kb / 7P
   IGNITION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com