Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAP55-4003 Datasheet(PDF) 3 Page - Power-One

Part # MAP55-4003
Description  power supplies provides reliable, tightly-regulated DC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

MAP55-4003 Datasheet(HTML) 3 Page - Power-One

  MAP55-4003 Datasheet HTML 1Page - Power-One MAP55-4003 Datasheet HTML 2Page - Power-One MAP55-4003 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MAP55 AC-DC Series Data Sheet
JUL 14, 2006 revised to AUG 10, 2006
Page 3 of 3
www.power-one.com
Environmental Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Altitude
Operating.
10k
Feet
Non-operating.
40k
Operating Temperature
Derate linearly above 50°C by 2.5% per °C
At 100% load:
0
50
°C
to a maximum temperature of 70°C.
At 50% load:
0
70
°C
Storage Temperature
-40
85
°C
Temperature Coefficient
0°C to 70°C (after 15 minute warm-up).
±0.02
±0.03
%/°C
Relative Humidity
Non-condensing.
5
95
%RH
Shock
Operating, peak acceleration.
20
G
Vibration
Random vibration, 10 Hz to 2 kHz, 3 axis.
6
GRMS
Options
DESCRIPTION
NOTES
DIMENSIONS
Cover
Add ‘C’ suffix to model number or order part number 412-59584-G separately.
6.00" x 3.27" x 1.85"
For convection cooled applications, derate output power to 45 watts on multiple
(152.4mm x 83.1mm x 47.0mm)
output units, 50 watts on MAP55-1012 and MAP55-1024,and 40 watts on MAP40-1005.
OVERALL SIZE: 6.00" x 3.27" x 1.60" (152.4mm x 83.1mm x 40.6mm)
WEIGHT: 1.1 LBS (0.55 kg)
INPUT & OUTPUT CONNECTIONS:
6-32 SCREW WIRE CLAMPS ON 0.312" (7.9mm) CENTERS, 0.045" (1.1mm)
SQUARE PINS ON 0.156" (3.4mm) CENTERS, MATES WITH MOLEX SERIES
2139, 6442, OR 41695
CHASSIS:
0.090" (2.3mm) ALUMINUM ALLOY, WITH CLEAR FINISH


Similar Part No. - MAP55-4003

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP55-4003 POWER-ONE-MAP55-4003 Datasheet
127Kb / 3P
   Wide Range Input for 110/220 VAC Applications
logo
Bel Fuse Inc.
MAP55-4003G7 BEL-MAP55-4003G7 Datasheet
815Kb / 5P
   Metric and SAE Mounting Inserts
More results

Similar Description - MAP55-4003

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP80 POWER-ONE-MAP80_06 Datasheet
135Kb / 4P
   power supplies provides reliable, tightly-regulated DC
logo
MicroPower Direct, LLC
D100R MPD-D100R Datasheet
233Kb / 2P
   Tightly Regulated Miniature, 1W SIP DC/DC Converters
logo
Extech Instruments Corp...
382222 EXTECH-382222 Datasheet
234Kb / 3P
   DC Regulated Power Supplies
382200 EXTECH-382200 Datasheet
151Kb / 4P
   DC Regulated Power Supplies
logo
MicroPower Direct, LLC
G100R MPD-G100R Datasheet
68Kb / 2P
   Tightly Regulated, 1W Ultra-Miniature DIP DC/DC Converters
D100ER MPD-D100ER Datasheet
192Kb / 2P
   Low Cost, 1W SIP Tightly Regulated DC/DC Con vert ers
logo
Extech Instruments Corp...
382203 EXTECH-382203 Datasheet
134Kb / 4P
   Three Output DC Regulated Power Supplies
logo
List of Unclassifed Man...
W72 ETC1-W72 Datasheet
104Kb / 2P
   Single Output Regulated Power Supplies
WM056-D5 ETC1-WM056-D5 Datasheet
219Kb / 1P
   Multiple Output Regulated Power Supplies
WRI ETC1-WRI Datasheet
89Kb / 2P
   Wide Range Input Regulated Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com