Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA6324 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TEA6324
Description  Sound control circuit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6324 Datasheet(HTML) 5 Page - NXP Semiconductors

  TEA6324 Datasheet HTML 1Page - NXP Semiconductors TEA6324 Datasheet HTML 2Page - NXP Semiconductors TEA6324 Datasheet HTML 3Page - NXP Semiconductors TEA6324 Datasheet HTML 4Page - NXP Semiconductors TEA6324 Datasheet HTML 5Page - NXP Semiconductors TEA6324 Datasheet HTML 6Page - NXP Semiconductors TEA6324 Datasheet HTML 7Page - NXP Semiconductors TEA6324 Datasheet HTML 8Page - NXP Semiconductors TEA6324 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
1997 Mar 13
5
Philips Semiconductors
Preliminary specification
Sound control circuit
TEA6324T
FUNCTIONAL DESCRIPTION
The source selector selects one of 2 stereo inputs or the
mono input. The maximum input signal voltage is
Vi(rms) = 2 V. The outputs of the source selector and the
inputs of the following volume control parts are available at
pins 7 and 8 for the left channel and pins 17 and 18 for the
right channel. This offers the possibility of interfacing a
noise reduction system.
The volume control function is split into two sections:
volume I control block and volume II control block.
The control range of volume I is between +20 dB and
−31 dB in steps of 1 dB. The volume II control range is
between 0 dB and
−55 dB in steps of 1 dB.
The recommended control range to be used is 86 dB
(+20 to
−66 dB) although in theory, a range of 106 dB
(+20 to
−86 dB) can be attained. The gain/attenuation
setting of the volume I control block is common for both
channels.
The volume I control block is followed by the bass control
block. The frequency response of the bass control (see
Fig.3) is provided for each channel by an external filter in
combination with internal resistors. The adjustable range
is between
−18 and +18 dB in steps of 1.8 dB at 46 Hz.
The treble control block offers a control range between
−12 and +12 dB in steps of 1.5 dB at 15 kHz. The filter
characteristic is determined by a single capacitor of 5.6 nF
for each channel in combination with internal resistors
(see Fig.4).
The basic step width of treble control is 3 dB.
The intermediate steps are obtained by switching 1.5 dB
boost and 1.5 dB attenuation steps.
The bass and treble control functions can be switched off
via I2C-bus. In this event the internal signal flow is
disconnected. The connections B2L and B2R are outputs
and TL and TR are inputs for inserting an external
equalizer.
The last section of the circuit is the volume II block.
The balance function uses the same control block. This is
achieved by 2 independently controllable attenuators, one
for each output. The control range of these attenuators is
55 dB in steps of 1 dB with an additional mute step.
The circuit provides 3 mute modes:
1. Zero crossing mode mute via I2C-bus using
2 independent zero crossing detectors (ZCM,
see Tables 2 and 8 and Fig.15)
2. Fast mute via MUTE pin (see Fig.9)
3. Fast mute via I2C-bus either by general mute (GMU,
see Tables 2 and 8) or volume II block setting
(see Table 4).
The mute function is performed immediately if ZCM is
cleared (ZCM = 0). If the bit is set (ZCM = 1) the mute is
activated after changing the GMU bit. The actual mute
switching is delayed until the next zero crossing of the
audio frequency signal. Two comparators are built-in to
provide independent mute switches to control each of the
audio channels (left and right).
To avoid a large delay of mute switching when very low
frequencies are processed, the maximum delay time is
limited to typically 100 ms by an integrated timing circuit
and an external capacitor (Cm = 10 nF, see Fig.9). This
timing circuit is triggered by reception of a new data word
for the switch function which includes the GMU bit. After a
discharge and charge period of an external capacitor the
muting switch follows the GMU bit, only if no zero crossing
was detected during that time.
The mute function can also be controlled externally (see
Fig.9). If the mute pin is switched to ground all outputs are
muted immediately (hardware mute). This mute request
overwrites all mute controls via the I2C-bus for the time the
pin is held LOW. The hardware mute position is not stored
in the TEA6324T.
Typically, the turn on/off can be used to avoid AF output.
This can be caused by the input signal from preceding
stages, which may produce output during a drop of VCC.
To avoid this, the mute must be set prior to a VCC drop and
can be achieved either by I2C-bus control, or by grounding
the MUTE pin.
In cases where there is no mute in the application before
turn off, a supply voltage drop of more than 1
× VBE will
result in a mute during the voltage drop.
The power supply should include a VCC buffer capacitor,
which provides a discharging time constant. If the input
signal does not disappear after turn off the input will
become audible after a certain time. A 4.7 k
Ω resistor
discharges the VCC buffer capacitor, because the internal
current of the IC does not discharge it completely.
The hardware mute function is ideal for use in Radio Data
System (RDS) applications. The zero crossing mute
avoids modulation plops. This feature is an advantage for
mute during changing presets and/or sources (e.g. traffic
announcement during cassette playback).


Similar Part No. - TEA6324

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6320T PHILIPS-TEA6320T Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6321T PHILIPS-TEA6321T Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6322 PHILIPS-TEA6322 Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
More results

Similar Description - TEA6324

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6322T PHILIPS-TEA6322T Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6300 PHILIPS-TEA6300 Datasheet
180Kb / 22P
   Sound fader control circuit
May 1990
TEA6323T PHILIPS-TEA6323T Datasheet
229Kb / 36P
   Sound fader control circuit
1995 Dec 20
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6330T PHILIPS-TEA6330T Datasheet
158Kb / 19P
   Sound fader control circuit for car radios
January 1992
logo
KEC(Korea Electronics)
KIA6930P KEC-KIA6930P Datasheet
177Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (STEREO SOUND CONTROL SYSTEM)
logo
Rohm
BH3852S ROHM-BH3852S Datasheet
198Kb / 11P
   Sound control IC
logo
NTE Electronics
NTE1789 NTE-NTE1789 Datasheet
24Kb / 2P
   Integrated Circuit TV Sound Preamp, AF Output, Volume Control
logo
MOSDESIGN SEMICONDUCTOR...
M3764 MOSDESIGN-M3764 Datasheet
136Kb / 1P
   VDD CONTROL ALARM SOUND
2011-05-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com