Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6218P132HL Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6218P132HL
Description  Low Power Supply LDO Regulators Ultra Small Packages
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6218P132HL Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6218P132HL Datasheet HTML 7Page - Torex Semiconductor XC6218P132HL Datasheet HTML 8Page - Torex Semiconductor XC6218P132HL Datasheet HTML 9Page - Torex Semiconductor XC6218P132HL Datasheet HTML 10Page - Torex Semiconductor XC6218P132HL Datasheet HTML 11Page - Torex Semiconductor XC6218P132HL Datasheet HTML 12Page - Torex Semiconductor XC6218P132HL Datasheet HTML 13Page - Torex Semiconductor XC6218P132HL Datasheet HTML 14Page - Torex Semiconductor XC6218P132HL Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11/22
XC6218
Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(5) Output Voltage vs. Ambient Temperature
(6) Supply Current vs. Ambient Temperature
X C6218P 092
VIN=1.9V
0
1
2
3
-50
-25
0
25
50
75
100
Ambient Temperature:Ta(℃)
X C6218P 202
VIN=3.0V
0
1
2
3
-50
-25
0
25
50
75
100
Ambient Temperature:Ta(℃)
X C6218P 402
VIN=5.0V
0
1
2
3
-50
-25
0
25
50
75
100
Ambient Temperature:Ta(℃)
X C6218P 092
VIN=1.9V CIN=CL=0.1μF(ceramic)
0.80
0.85
0.90
0.95
1.00
-50
-25
0
25
50
75
100
Ambient Temperature:Ta(℃)
IOUT=1mA
IOUT=30mA
IOUT=100mA
X C6218P 202
VIN=3.0V CIN=CL=0.1μF(ceramic)
1.90
1.95
2.00
2.05
2.10
-50
-25
0
25
50
75
100
Ambient Temperature:Ta(℃)
IOUT=1mA
IOUT=30mA
IOUT=100mA
X C6218P 402
VIN=5.0V CIN=CL=0.1μF(ceramic)
3.90
3.95
4.00
4.05
4.10
-50
-25
0
25
50
75
100
Ambient Temperature:Ta(℃)
IOUT=1mA
IOUT=30mA
IOUT=100mA
Ambient Temperature: Ta (
℃)
VIN=1.9V, CIN=CL=0.1
μF (ceramic)
Ambient Temperature: Ta (
℃)
VIN=1.9V
Ambient Temperature: Ta (
℃)
Ambient Temperature: Ta (
℃)
VIN=3.0V, CIN=CL=0.1
μF (ceramic)
Ambient Temperature: Ta (
℃)
VIN=5.0V, CIN=CL=0.1
μF (ceramic)
Ambient Temperature: Ta (
℃)
VIN=5.0V
XC6218P202
VIN=3.0V


Similar Part No. - XC6218P132HL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6218P152HR TOREX-XC6218P152HR Datasheet
385Kb / 22P
   Low Power Supply LDO Regulators (Ultra Small Packages)
XC6218P152NR TOREX-XC6218P152NR Datasheet
385Kb / 22P
   Low Power Supply LDO Regulators (Ultra Small Packages)
More results

Similar Description - XC6218P132HL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6218P252NR-G TOREX-XC6218P252NR-G Datasheet
406Kb / 22P
   Low Power Supply LDO Regulators(Ultra Small Packages)
XC6218 TOREX-XC6218_1 Datasheet
385Kb / 22P
   Low Power Supply LDO Regulators (Ultra Small Packages)
logo
Rohm
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
logo
Torex Semiconductor
XC6213 TOREX-XC6213_1 Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Torex Semiconductor
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
logo
Maxim Integrated Produc...
MAX8556 MAXIM-MAX8556_09 Datasheet
222Kb / 10P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 2; 8/09
MAX8556 MAXIM-MAX8556 Datasheet
228Kb / 11P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 0; 4/04
logo
Zetex Semiconductors
ZXCL250 ZETEX-ZXCL250 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Texas Instruments
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com