Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FKB8729-608 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FKB8729-608
Description  STANDARD KEYBOARD 104/105-Key Keyboard
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FKB8729-608 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FKB8729-608 Datasheet HTML 1Page - Fujitsu Component Limited. FKB8729-608 Datasheet HTML 2Page - Fujitsu Component Limited. FKB8729-608 Datasheet HTML 3Page - Fujitsu Component Limited. FKB8729-608 Datasheet HTML 4Page - Fujitsu Component Limited. FKB8729-608 Datasheet HTML 5Page - Fujitsu Component Limited. FKB8729-608 Datasheet HTML 6Page - Fujitsu Component Limited. FKB8729-608 Datasheet HTML 7Page - Fujitsu Component Limited. FKB8729-608 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FKB8729 SERIES
To Be
Discontinued
Pin number
Signal name
1
Data
2
3
GND (SG)
4
+5 V
5
Clock
6
SHELL
GND (FG)
n
CONNECTOR PIN ASSIGNMENT
n
OPERATING FORCE AND TRAVEL CHARACTERISTICS
Mini-DIN 6 pin
5
3
1
6
4
2
1
2
3
4 (mm)
50
100
(gf)
STROKE
0


Similar Part No. - FKB8729-608

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FKB-7681 FUJITSU-FKB-7681 Datasheet
303Kb / 4P
   Ultra Low Profile Notebook Keyboard (64Keys)
FKB-7681 FUJITSU-FKB-7681_07 Datasheet
304Kb / 4P
   Ultra Low Profile Notebook Keyboard (64Keys)
logo
FETek Technology Corp.
FKBA0018A FETEK-FKBA0018A Datasheet
516Kb / 4P
   N-Ch 100V Fast Switching MOSFETs
Ver : A
FKBA0020A FETEK-FKBA0020A Datasheet
653Kb / 4P
   N-Ch 100V Fast Switching MOSFETs
Ver : A
FKBA0024A FETEK-FKBA0024A Datasheet
606Kb / 4P
   N-Ch 100V Fast Switching MOSFETs
Ver : A
More results

Similar Description - FKB8729-608

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC1808D FUMAN-SC1808D Datasheet
176Kb / 1P
   8-key keyboard
logo
IOGEAR
GKBSR201 IOGEAR-GKBSR201 Datasheet
182Kb / 2P
   104-Key Keyboard w/Built-in Common Access Card Reader
logo
Cherry Semiconductor Co...
G83-6105LPQGB-0 CHERRY-G83-6105LPQGB-0 Datasheet
31Kb / 1P
   Standard PC Keyboard
J84-4300 CHERRY-J84-4300 Datasheet
71Kb / 2P
   J84-4300 Wipe-key Keyboard
logo
Texas Instruments
TMS5001NL TI-TMS5001NL Datasheet
401Kb / 6P
[Old version datasheet]   4-MODE DYNAMIC 90-KEY KEYBOARD ENCODER
logo
List of Unclassifed Man...
NT6880 ETC-NT6880 Datasheet
289Kb / 13P
   Keyboard Controller
logo
Cherry Semiconductor Co...
G80-1865 CHERRY-G80-1865 Datasheet
64Kb / 2P
   Compact Keyboard G80-1865 Gaming Keyboard
logo
ELAN Microelectronics C...
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
   KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
   KEYBOARD ENCODER
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
   Keyboard Encoder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com