Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEEL22LV10AZTI-35 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PEEL22LV10AZTI-35
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PEEL22LV10AZTI-35 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PEEL22LV10AZTI-35 Datasheet HTML 1Page - List of Unclassifed Manufacturers PEEL22LV10AZTI-35 Datasheet HTML 2Page - List of Unclassifed Manufacturers PEEL22LV10AZTI-35 Datasheet HTML 3Page - List of Unclassifed Manufacturers PEEL22LV10AZTI-35 Datasheet HTML 4Page - List of Unclassifed Manufacturers PEEL22LV10AZTI-35 Datasheet HTML 5Page - List of Unclassifed Manufacturers PEEL22LV10AZTI-35 Datasheet HTML 6Page - List of Unclassifed Manufacturers PEEL22LV10AZTI-35 Datasheet HTML 7Page - List of Unclassifed Manufacturers PEEL22LV10AZTI-35 Datasheet HTML 8Page - List of Unclassifed Manufacturers PEEL22LV10AZTI-35 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
PEEL
TM 22LV10AZ
04-02-037D
Programmable Clock Options (see Table 1)
A
unique
feature
of
the
PEEL22LV10AZ
is
a
programmable clock multiplexer that allows the user to
select true or complement forms of either input pin or
product-term clock sources.
Operates in both 3 Volt and 3.3 Volt Systems
The PEEL22LV10AZ is designed to operate with a VCC
range of 2.7 to 3.6 Volts D.C. This allows operation in
both 3 Volt 10% (battery operated) and 3.3 Volt 10%
(power supply operated) systems. The propagation
delay tPD is 5 ns slower at the lower voltage, but this is
typically not an issue in battery-operated systems (see
Table 6 - A.C. Electrical Characteristics).
Zero Power Feature
The CMOS PEEL22LV10AZ features "Zero-Power"
standby operation for ultra-low power consumption.
With
the
"Zero-Power"
feature,
transition-detection
circuitry monitors the inputs, I/Os (including CLK) and
feedbacks. If these signals do not change for a period
of time greater than approximately two tPD's, the outputs
are latched in their current state and the device
automatically powers down. When the next signal
transition is detected, the device will "wake up" for
active operation until the signals stop switching long
enough to trigger the next power-down. (Note that the
tPD is approximately 5 ns. slower on the first transition
from sleep mode.)
0.0 01
0.01
0.1
1
10
100
0.0 01
0.01
0.1
1
10
Frequency in M H z
Figure 5 - Typical ICC vs. Input Clock Frequency for
the 22LV10AZ
As a result of the "Zero-Power" feature, significant
power savings can be realized for combinatorial or
sequential operations when the inputs or clock change
at a modest rate. See Figure 5.
When the PEEL22LV10AZ is powered up, a built-in
feature holds the outputs in tri-state until VCC reaches
2.2V. This prevents output transitions during power-up.
Schmitt Trigger Inputs
The PEEL22LV10AZ has Schmitt trigger input buffers
on all inputs, including the clock. Schmitt trigger inputs
allow direct input of slow signals such as biomedical
and sine waves or clocks. They are also useful in
cleaning
up
noisy
signals.
This
makes
the
PEEL22LV10AZ
especially
desirable
in
portable
applications where the environment is less predictable.
Design Security
The PEEL22LV10AZ provides a special EEPROM
security bit that prevents unauthorized reading or
copying of designs programmed into the device. The
security bit is set by the PLD programmer, either at the
conclusion of the programming cycle or as a separate
step, after the device has been programmed. Once the
security bit is set it is impossible to verify (read) or
program the PEEL until the entire device has first been
erased with the bulk-erase function.
Signature Word
The signature word feature allows a 64-bit code to be
programmed into the PEEL22LV10AZ if the PEEL
V10A+ software option (see Table 1) is used. The code
can be read back even after the security bit has been
set. The signature word can be used to identify the
pattern programmed into the device or to record the
design revision, etc.
Programming Support
ICT's JEDEC file translator allows easy conversion of
existing 24 pin PLD designs to the PEEL22LV10AZ,
without the need for redesign. ICT supports a broad
range of popular third party design entry systems,
including Data I/O Synario and Abel, Logical Devices
CUPL and others. ICT also offers its proprietary
WinPLACE software, an easy-to-use entry level PC-
based software development system.
Programming support includes all the popular third
party programmers; Data I/O, Logical Devices, and
numerous others.


Similar Part No. - PEEL22LV10AZTI-35

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL22LV10AZT-25 ANACHIP-PEEL22LV10AZT-25 Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZT-25L ANACHIP-PEEL22LV10AZT-25L Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL22LV10AZTI-35

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
18CV8 ETC-18CV8 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com