Electronic Components Datasheet Search |
|
17-21BHC-A11N13T Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd |
|
17-21BHC-A11N13T Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd |
3 / 10 page EVERLIGHT ELECTRONICS CO.,LTD. Everlight Electronics Co., Ltd. http://www.everlight.com Rev. 1 Page: 3 of 10 Device No.;SZ DSE-171-B11 Prepared date:18-Aug-2005 Prepared by:Meng Yali 17-21/BHC-AN1P2/3T Absolute Maximum Ratings (Ta=25℃) Parameter Symbol Rating Unit Reverse Voltage VR 5 V Forward Current IF 25 mA Operating Temperature Topr -40 ~ +85 ℃ Storage Temperature Tstg -40~ +90 ℃ Electrostatic Discharge(HBM) ESD 150 V Power Dissipation Pd 110 mW Peak Forward Current (Duty 1/10 @1KHz) IFP 100 mA Soldering Temperature Tsol Reflow Soldering : 260 ℃ for 10 sec. Hand Soldering : 350 ℃ for 3 sec. Electro-Optical Characteristics (Ta=25℃) Parameter Symbol Min. Typ. Max. Unit Condition Luminous Intensity Iv 28.5 72.0 mcd Viewing Angle 2θ1/2 ----- 140 ----- deg Peak Wavelength λp ----- 468 ----- nm Dominant Wavelength λd 464.5 ----- 476.5 nm Spectrum Radiation Bandwidth △λ ----- 35 ----- nm Forward Voltage VF ----- 3.3 3.7 V IF=20mA Reverse Current IR ----- ----- 50 μA VR=5V Notes: 1.Tolerance of Luminous Intensity ±10% 2.Tolerance of Dominant Wavelength ±1nm 3.Tolerance of Forward Voltage ±0.10V |
Similar Part No. - 17-21BHC-A11N13T |
|
Similar Description - 17-21BHC-A11N13T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |