Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4070YH Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT4070YH
Description  Wide Input 3A Step Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4070YH Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT4070YH Datasheet HTML 2Page - Active-Semi, Inc ACT4070YH Datasheet HTML 3Page - Active-Semi, Inc ACT4070YH Datasheet HTML 4Page - Active-Semi, Inc ACT4070YH Datasheet HTML 5Page - Active-Semi, Inc ACT4070YH Datasheet HTML 6Page - Active-Semi, Inc ACT4070YH Datasheet HTML 7Page - Active-Semi, Inc ACT4070YH Datasheet HTML 8Page - Active-Semi, Inc ACT4070YH Datasheet HTML 9Page - Active-Semi, Inc ACT4070YH Datasheet HTML 10Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Innovative Products. Active Solutions.
Copyright © 2006 Active-Semi, Inc.
www.active-semi.com
- 7 -
ACT4070
Figure 3:
ACT4070 2.5V/3A Output Application
: D1 is a 40V, 3A Schottky diode with low forward voltage, an IR 30BQ040 or SK34 equivalent. C4 can be either a ceramic capacitor
(Panasonic ECJ-3YB1C226M) or SP-CAP (Specialty Polymer) Aluminum Electrolytic Capacitor such as Panasonic EEFCD0J470XR.
The SP-Cap is based on aluminum electrolytic capacitor technology, but uses a solid polymer electrolyte and has very stable capaci-
tance characteristics in both operating temperature and frequency compared to ceramic, polymer, and low ESR tantalum capacitors.
IC1
ACT4070
BS
IN
EN
COMP
FB
SW
G
VIN
ENABLE
4.5V to 30V
+
C1
10µF/35V
C2
(CCOMP)
3.3nF
R3
(RCOMP)
5.6k
C5
(CCOMP2)
220pF
R2
13k
D1
40V
3A
L1 10µH/4A
C3
10nF
R1 14k
VOUT
C4 (COUT)
22µF/10V
ceramic or
47µH/6.3 SP
Cap
2.5V/3A


Similar Part No. - ACT4070YH

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4070YH ACTIVE-SEMI-ACT4070YH Datasheet
388Kb / 11P
   Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
ACT4070YH-T ACTIVE-SEMI-ACT4070YH-T Datasheet
388Kb / 11P
   Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
More results

Similar Description - ACT4070YH

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4070 ACTIVE-SEMI-ACT4070_11 Datasheet
388Kb / 11P
   Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
ACT4070B ACTIVE-SEMI-ACT4070B Datasheet
303Kb / 9P
   Wide Input 3A Step Down Converter
Rev 0, 23-Apr-12
logo
FOSLINK SEMICONDUCTOR C...
FSP3128 FOSLINK-FSP3128 Datasheet
361Kb / 10P
   WIDE INPUT 3A STEP-DOWN CONVERTER
logo
Advanced Analogic Techn...
AAT1161 ANALOGICTECH-AAT1161 Datasheet
1Mb / 18P
   13.2V Input, 3A Step-Down Converter
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
   Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
   WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
   Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
ACT4075 ACTIVE-SEMI-ACT4075 Datasheet
704Kb / 10P
   Wide Input 2.5A Step Down Converter
Rev PrA, 13-Aug-07
ACT4012A ACTIVE-SEMI-ACT4012A Datasheet
345Kb / 10P
   Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
logo
FOSLINK SEMICONDUCTOR C...
FSP3129 FOSLINK-FSP3129 Datasheet
368Kb / 10P
   WIDE INPUT 2A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com