Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F66J11 Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC18F66J11
Description  64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
Download  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F66J11 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC18F66J11 Datasheet HTML 6Page - Microchip Technology PIC18F66J11 Datasheet HTML 7Page - Microchip Technology PIC18F66J11 Datasheet HTML 8Page - Microchip Technology PIC18F66J11 Datasheet HTML 9Page - Microchip Technology PIC18F66J11 Datasheet HTML 10Page - Microchip Technology PIC18F66J11 Datasheet HTML 11Page - Microchip Technology PIC18F66J11 Datasheet HTML 12Page - Microchip Technology PIC18F66J11 Datasheet HTML 13Page - Microchip Technology PIC18F66J11 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 448 page
background image
PIC18F87J11 FAMILY
DS39778B-page 8
Preliminary
© 2007 Microchip Technology Inc.
1.1.6
EASY MIGRATION
Regardless of the memory size, all devices share the
same rich set of peripherals, allowing for a smooth
migration path as applications grow and evolve.
The consistent pinout scheme used throughout the
entire family also aids in migrating to the next larger
device. This is true when moving between the 64-pin
members, between the 80-pin members, or even
jumping from 64-pin to 80-pin devices.
The PIC18F87J11 Family is also pin compatible with
other PIC18 families, such as the PIC18F87J10,
PIC18F85J11, PIC18F8720 and PIC18F8722. This
allows a new dimension to the evolution of applications,
allowing developers to select different price points
within Microchip’s PIC18 portfolio, while maintaining
the same feature set.
1.2
Other Special Features
• Communications: The PIC18F87J11 Family
incorporates a range of serial and parallel com-
munication peripherals. These devices all include
2 independent Enhanced USARTs and 2 Master
SSP modules, capable of both SPI and I2C™
(Master and Slave) modes of operation. The
devices also have a parallel port and can be
configured to function as either a Parallel Master
Port or as a Parallel Slave Port.
• CCP Modules: All devices in the family incorporate
two Capture/Compare/PWM (CCP) modules and
three Enhanced CCP (ECCP) modules to maximize
flexibility in control applications. Up to four different
time bases may be used to perform several
different operations at once. Each of the three
ECCP modules offers up to four PWM outputs,
allowing for a total of 12 PWMs. The ECCPs also
offer many beneficial features, including polarity
selection, programmable dead time, auto-shutdown
and restart, and Half-Bridge and Full-Bridge Output
modes.
• 10-Bit A/D Converter: This module incorporates
programmable acquisition time, allowing for a
channel to be selected and a conversion to be
initiated without waiting for a sampling period, and
thus, reducing code overhead.
• Extended Watchdog Timer (WDT): This
enhanced version incorporates a 16-bit prescaler,
allowing an extended time-out range that is stable
across operating voltage and temperature. See
Section 27.0 “Electrical Characteristics” for
time-out periods.
1.3
Details on Individual Family
Members
Devices in the PIC18F87J11 Family are available in
64-pin and 80-pin packages. Block diagrams for the
two groups are shown in Figure 1-1 and Figure 1-2.
The devices are differentiated from each other in three
ways:
1.
Flash program memory (three sizes, ranging
from 64 Kbytes for PIC18FX6J11 devices to
128 Kbytes for PIC18FX7J11 devices).
2.
I/O ports (7 bidirectional ports on 64-pin devices,
9 bidirectional ports on 80-pin devices).
3.
A/D input channels (11 on 64-pin devices, 15 on
80-pin devices).
All other features for devices in this family are identical.
These are summarized in Table 1-1 and Table 1-2.
The pinouts for all devices are listed in Table 1-3 and
Table 1-4.


Similar Part No. - PIC18F66J11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F66J11 MICROCHIP-PIC18F66J11 Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F66J11 MICROCHIP-PIC18F66J11 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC18F66J11T-1 MICROCHIP-PIC18F66J11T-1 Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
More results

Similar Description - PIC18F66J11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F67J11-IPT MICROCHIP-PIC18F67J11-IPT Datasheet
7Mb / 448P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
03/26/09
PIC18F87J10 MICROCHIP-PIC18F87J10_09 Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
PIC18F87J50 MICROCHIP-PIC18F87J50 Datasheet
8Mb / 480P
   64/80-Pin High-Performance, 1-Mbit Flash USB Microcontrollers with nanoWatt Technology
2007
PIC18F6310 MICROCHIP-PIC18F6310 Datasheet
3Mb / 404P
   64/80-Pin Flash Microcontrollers with nanoWatt Technology
2004
PIC18F85J11 MICROCHIP-PIC18F85J11 Datasheet
6Mb / 396P
   64/80-Pin High-Performance Microcontrollers with nanoWatt Technology
2007
PIC18F6625 MICROCHIP-PIC18F6625 Datasheet
143Kb / 6P
   64/80-Pin High-Performance, 1-Mbit Enhanced Flash Microcontrollers with A/D and nanoWatt Technology
2004
PIC18F87J11 MICROCHIP-PIC18F87J11_12 Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F67J11T-I MICROCHIP-PIC18F67J11T-I Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F86K22-I MICROCHIP-PIC18F86K22-I Datasheet
4Mb / 550P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com