Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1658 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SD1658
Description  Silicon NPN Epitaxial Type (Darlington Power Transistor)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD1658 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SD1658_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SD1658_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SD1658_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SD1658_07 Datasheet HTML 4Page - Toshiba Semiconductor 2SD1658_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SD1658
2004-07-26
3
Collector-emitter voltage VCE (V)
IC – VCE
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
Base-emitter voltage VBE (V)
IC – VBE
Ambient temperature Ta (°C)
PC – Ta
Collector current IC (A)
VBE (sat) – IC
8
14
4
12
0
0
(1) Tc = Ta Infinite heat sink
(2) No heat sink
80
120
40
200
160
(1)
(2)
0
0
0.8
1.6
2
4
6
8
Common emitter
Tc = 25°C
IB = 170 µA
180
185
175
0
250
500
200
10
0.4
1.2
2.0
10000
0.01
30
500
1000
3000
5000
0.03
0.1
0.3
1
5
Tc = 100°C
25
−55
Common emitter
VCE = 2 V
3
50
100
300
0.3
3
Tc = −55°C
100
25
Common emitter
IC/IB = 1000
1
1
3
0.6
0
0
0.8
1.6
0.8
1.6
2.4
3.2
Common emitter
VCE = 2 V
Tc = 100°C
25
−55
4.0
0.4
1.2
2.0
1
3
Common emitter
IC/IB = 1000
Tc = −55°C
25
100
1
3
5
0.3


Similar Part No. - 2SD1658_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1658 TOSHIBA-2SD1658_09 Datasheet
162Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
More results

Similar Description - 2SD1658_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2206 TOSHIBA-2SD2206_06 Datasheet
119Kb / 4P
   Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SD2695 TOSHIBA-2SD2695 Datasheet
131Kb / 5P
   Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SD2088 TOSHIBA-2SD2088_03 Datasheet
120Kb / 5P
   Silicon NPN Epitaxial Type (Darlington power transistor)
logo
Unisonic Technologies
2SD2686 UTC-2SD2686 Datasheet
119Kb / 3P
   SILICON NPN EPITAXIAL TYPE (DARLINGTON POWER)
logo
Toshiba Semiconductor
2SD1140 TOSHIBA-2SD1140_06 Datasheet
125Kb / 5P
   Silicon NPN Epitaxial Type (PCT Process) (Darlington Power Transistor)
logo
List of Unclassifed Man...
2SD1210 ETC-2SD1210 Datasheet
41Kb / 1P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
2SD1392 ETC-2SD1392 Datasheet
69Kb / 2P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
TIP140T NJSEMI-TIP140T Datasheet
69Kb / 2P
   NPN Epitaxial Silicon Darlington Transistor
logo
Fairchild Semiconductor
KSP13BU FAIRCHILD-KSP13BU Datasheet
39Kb / 4P
   NPN Epitaxial Silicon Darlington Transistor
495220TU FAIRCHILD-495220TU Datasheet
99Kb / 2P
   NPN Epitaxial Silicon Darlington Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com