Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F86J50 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC18F86J50
Description  64/80-Pin High-Performance, 1-Mbit Flash USB Microcontrollers with nanoWatt Technology
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F86J50 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC18F86J50 Datasheet HTML 7Page - Microchip Technology PIC18F86J50 Datasheet HTML 8Page - Microchip Technology PIC18F86J50 Datasheet HTML 9Page - Microchip Technology PIC18F86J50 Datasheet HTML 10Page - Microchip Technology PIC18F86J50 Datasheet HTML 11Page - Microchip Technology PIC18F86J50 Datasheet HTML 12Page - Microchip Technology PIC18F86J50 Datasheet HTML 13Page - Microchip Technology PIC18F86J50 Datasheet HTML 14Page - Microchip Technology PIC18F86J50 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 480 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39775B-page 9
PIC18F87J50 FAMILY
TABLE 1-1:
DEVICE FEATURES FOR THE PIC18F6XJ5X (64-PIN DEVICES)
TABLE 1-2:
DEVICE FEATURES FOR THE PIC18F8XJ5X (80-PIN DEVICES)
Features
PIC18F65J50
PIC18F66J50
PIC18F66J55
PIC18F67J50
Operating Frequency
DC – 48 MHz
DC – 48 MHz
DC – 48 MHz
DC – 48 MHz
Program Memory (Bytes)
32K
64K
96K
128K
Program Memory (Instructions)
16384
32768
49152
65536
Data Memory (Bytes)
3904
3904
3904
3904
Interrupt Sources
30
I/O Ports
Ports A, B, C, D, E, F, G
Timers
5
Capture/Compare/PWM Modules
2
Enhanced Capture/
Compare/PWM Modules
3
Serial Communications
MSSP (2), Enhanced USART (2), USB
Parallel Communications (PMP)
Yes
10-Bit Analog-to-Digital Module
8 Input Channels
Resets (and Delays)
POR, BOR, RESET Instruction, Stack Full, Stack Underflow, MCLR, WDT
(PWRT, OST)
Instruction Set
75 Instructions, 83 with Extended Instruction Set Enabled
Packages
64-Pin TQFP
Features
PIC18F85J50
PIC18F86J50
PIC18F86J55
PIC18F87J50
Operating Frequency
DC – 48 MHz
DC – 48 MHz
DC – 48 MHz
DC – 48 MHz
Program Memory (Bytes)
32K
64K
96K
128K
Program Memory (Instructions)
16384
32768
49152
65536
Data Memory (Bytes)
3904
3904
3904
3904
Interrupt Sources
30
I/O Ports
Ports A, B, C, D, E, F, G, H, J
Timers
5
Capture/Compare/PWM Modules
2
Enhanced Capture/
Compare/PWM Modules
3
Serial Communications
MSSP (2), Enhanced USART (2), USB
Parallel Communications (PMP)
Yes
10-Bit Analog-to-Digital Module
12 Input Channels
Resets (and Delays)
POR, BOR, RESET Instruction, Stack Full, Stack Underflow, MCLR, WDT
(PWRT, OST)
Instruction Set
75 Instructions, 83 with Extended Instruction Set Enabled
Packages
80-Pin TQFP


Similar Part No. - PIC18F86J50

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F86J50 MICROCHIP-PIC18F86J50 Datasheet
271Kb / 16P
   PIC18F87J50 Family Silicon Errata and Data Sheet Clarification
03/26/09
PIC18F86J50 MICROCHIP-PIC18F86J50 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC18F86J50

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F87J11 MICROCHIP-PIC18F87J11 Datasheet
7Mb / 448P
   64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F67J11-IPT MICROCHIP-PIC18F67J11-IPT Datasheet
7Mb / 448P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
03/26/09
PIC18F87J10 MICROCHIP-PIC18F87J10_09 Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
PIC18F6310 MICROCHIP-PIC18F6310 Datasheet
3Mb / 404P
   64/80-Pin Flash Microcontrollers with nanoWatt Technology
2004
PIC18F85J11 MICROCHIP-PIC18F85J11 Datasheet
6Mb / 396P
   64/80-Pin High-Performance Microcontrollers with nanoWatt Technology
2007
PIC18F6625 MICROCHIP-PIC18F6625 Datasheet
143Kb / 6P
   64/80-Pin High-Performance, 1-Mbit Enhanced Flash Microcontrollers with A/D and nanoWatt Technology
2004
PIC18F87J11 MICROCHIP-PIC18F87J11_12 Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F67J11T-I MICROCHIP-PIC18F67J11T-I Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F86K22-I MICROCHIP-PIC18F86K22-I Datasheet
4Mb / 550P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com