Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR310 Datasheet(PDF) 10 Page - Seoul Semiconductor

Part # HR310
Description  RED HIGH FLUX LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

HR310 Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button HR310 Datasheet HTML 4Page - Seoul Semiconductor HR310 Datasheet HTML 5Page - Seoul Semiconductor HR310 Datasheet HTML 6Page - Seoul Semiconductor HR310 Datasheet HTML 7Page - Seoul Semiconductor HR310 Datasheet HTML 8Page - Seoul Semiconductor HR310 Datasheet HTML 9Page - Seoul Semiconductor HR310 Datasheet HTML 10Page - Seoul Semiconductor HR310 Datasheet HTML 11Page - Seoul Semiconductor HR310 Datasheet HTML 12Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
-10-
RED HIGH FLUX LED
HR310
<070523> Rev. 1.5
서식번호 : QP-7-03-05 (Rev.00)
Soldering Profile
1) Recommended Wave Soldering Conditions / Profile
• Preliminary heating to be at 85ºC(120 ºC max) for 20 seconds(60 seconds max).
• Soldering heat to be at 255 ºC (260ºC max) for 4 seconds (5 seconds max.)
• Soak time above 200 ºC is 5 seconds
2) Hand Soldering conditions
• Not more than 3 seconds at max. 350ºC, under Soldering iron
.
3) Caution
• Leadframes are silver plated copper alloy. This substance has a low thermal coefficient
(easily conducts heat)
• No closer than 1.5mm from the base of the stopper.
• The LEDs must not be repositioned after soldering.
• Do not apply any stress to the lead particularly when heat.
0
2
4
6
8
10
1 2
1 4
16
18
2 0
22
24
26
2 8
30
3 2
34
36
0
50
10 0
15 0
20 0
25 0
30 0
Tim e [s ]
PREHEAT
20s (60s Max)
85 ºC(120 ºC max)
PEAK
4s (5s max)
255 ºC (260 ºC max)
Note : In case the soldered products are reused in soldering process, we don’t guarantee the products.


Similar Part No. - HR310

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HR310 SEOUL-HR310 Datasheet
540Kb / 14P
   RED HIGH FLUX LED
HR310 SEOUL-HR310_1 Datasheet
540Kb / 14P
   RED HIGH FLUX LED
More results

Similar Description - HR310

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HR310 SEOUL-HR310_1 Datasheet
540Kb / 14P
   RED HIGH FLUX LED
HR330 SEOUL-HR330 Datasheet
444Kb / 9P
   RED HIGH FLUX LED
HR330 SEOUL-HR330_1 Datasheet
569Kb / 14P
   RED HIGH FLUX LED
logo
OptoSupply Internationa...
OSR7CAZ2C1P OPTOSUPPLY-OSR7CAZ2C1P Datasheet
113Kb / 1P
   Super Flux Red LED
OS5RKEZ4E1P OPTOSUPPLY-OS5RKEZ4E1P Datasheet
109Kb / 1P
   Super Flux Red LED
OSR5CAZ2C1P OPTOSUPPLY-OSR5CAZ2C1P_1 Datasheet
113Kb / 1P
   Super Flux Red LED
OS5RKEZ4E1P OPTOSUPPLY-OS5RKEZ4E1P Datasheet
109Kb / 1P
   Super Flux Red LED
OS5RKAZJC1P OPTOSUPPLY-OS5RKAZJC1P Datasheet
77Kb / 1P
   Super Flux Commercial Red LED
OSR5PAZ161D OPTOSUPPLY-OSR5PAZ161D Datasheet
158Kb / 1P
   Super Flux Premium Red LED
OSR5PAZG71D OPTOSUPPLY-OSR5PAZG71D_11 Datasheet
126Kb / 1P
   Super Flux Premium Red LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com