Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR310 Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # HR310
Description  RED HIGH FLUX LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

HR310 Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button HR310 Datasheet HTML 2Page - Seoul Semiconductor HR310 Datasheet HTML 3Page - Seoul Semiconductor HR310 Datasheet HTML 4Page - Seoul Semiconductor HR310 Datasheet HTML 5Page - Seoul Semiconductor HR310 Datasheet HTML 6Page - Seoul Semiconductor HR310 Datasheet HTML 7Page - Seoul Semiconductor HR310 Datasheet HTML 8Page - Seoul Semiconductor HR310 Datasheet HTML 9Page - Seoul Semiconductor HR310 Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
-6-
RED HIGH FLUX LED
HR310
<070523> Rev. 1.5
서식번호 : QP-7-03-05 (Rev.00)
IF= 70mA
0
2040
6080
100
2.5
2.6
2.7
2.8
2.9
Ambient Temperature Ta[
oC]
IF= 70mA
0
2040
6080
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Ambient Temperature Ta[
oC]
Ambient Temperature vs. Forward Voltage
Ambient Temperature vs. Relative Flux
400
500
600
700
0.0
0.5
1.0
Wavelength [nm]
Ta= 25ºC, IF= 70mA
Ta= 25ºC, IF= 70mA
-90
-60
-30
0
30
60
90
0.0
0.2
0.4
0.6
0.8
1.0
Off Axis Angle [deg.]
Spectrum
Directivity


Similar Part No. - HR310

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HR310 SEOUL-HR310 Datasheet
540Kb / 14P
   RED HIGH FLUX LED
HR310 SEOUL-HR310_1 Datasheet
540Kb / 14P
   RED HIGH FLUX LED
More results

Similar Description - HR310

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HR310 SEOUL-HR310_1 Datasheet
540Kb / 14P
   RED HIGH FLUX LED
HR330 SEOUL-HR330 Datasheet
444Kb / 9P
   RED HIGH FLUX LED
HR330 SEOUL-HR330_1 Datasheet
569Kb / 14P
   RED HIGH FLUX LED
logo
OptoSupply Internationa...
OSR7CAZ2C1P OPTOSUPPLY-OSR7CAZ2C1P Datasheet
113Kb / 1P
   Super Flux Red LED
OS5RKEZ4E1P OPTOSUPPLY-OS5RKEZ4E1P Datasheet
109Kb / 1P
   Super Flux Red LED
OSR5CAZ2C1P OPTOSUPPLY-OSR5CAZ2C1P_1 Datasheet
113Kb / 1P
   Super Flux Red LED
OS5RKEZ4E1P OPTOSUPPLY-OS5RKEZ4E1P Datasheet
109Kb / 1P
   Super Flux Red LED
OS5RKAZJC1P OPTOSUPPLY-OS5RKAZJC1P Datasheet
77Kb / 1P
   Super Flux Commercial Red LED
OSR5PAZ161D OPTOSUPPLY-OSR5PAZ161D Datasheet
158Kb / 1P
   Super Flux Premium Red LED
OSR5PAZG71D OPTOSUPPLY-OSR5PAZG71D_11 Datasheet
126Kb / 1P
   Super Flux Premium Red LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com