Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY330 Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # HY330
Description  YELLOW HIGH FLUX LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

HY330 Datasheet(HTML) 5 Page - Seoul Semiconductor

  HY330 Datasheet HTML 1Page - Seoul Semiconductor HY330 Datasheet HTML 2Page - Seoul Semiconductor HY330 Datasheet HTML 3Page - Seoul Semiconductor HY330 Datasheet HTML 4Page - Seoul Semiconductor HY330 Datasheet HTML 5Page - Seoul Semiconductor HY330 Datasheet HTML 6Page - Seoul Semiconductor HY330 Datasheet HTML 7Page - Seoul Semiconductor HY330 Datasheet HTML 8Page - Seoul Semiconductor HY330 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
-5-
YELLOW HIGH FLUX LED
HY330
<070813> Rev. 1.5
서식번호 : QP-7-03-05 (Rev.00)
Characteristic Diagrams
1.6
2.0
2.4
2.8
3.2
1
10
100
Forward Voltage [V]
0
2040
6080
100
0.0
0.4
0.8
1.2
1.6
Forward Current [mA]
Ta= 25ºC
Ta= 25ºC
Forward Voltage vs. Forward Current
Forward Current vs. Relative Flux
0
20
40
60
80
100
582
586
590
594
598
Forward Current [mA]
-40
-20
0
204060
80
100
0
20
40
60
80
100
Ambient Temperature T
A [
OC]
Ta= 25ºC
Ta= 25ºC
Ambient Temperature vs. Forward Current
Forward Current vs. Dominant Wavelength


Similar Part No. - HY330

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HY330 SEOUL-HY330 Datasheet
576Kb / 14P
   YELLOW HIGH FLUX LED
logo
HUAYI MICROELECTRONICS ...
HY3306B HUAYI-HY3306B Datasheet
940Kb / 10P
   N-Channel Enhancement Mode MOSFET
HY3306P HUAYI-HY3306P Datasheet
940Kb / 10P
   N-Channel Enhancement Mode MOSFET
logo
Seoul Semiconductor
HY330 SEOUL-HY330_1 Datasheet
576Kb / 14P
   YELLOW HIGH FLUX LED
More results

Similar Description - HY330

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HY310 SEOUL-HY310 Datasheet
473Kb / 10P
   YELLOW HIGH FLUX LED
HY310 SEOUL-HY310_1 Datasheet
573Kb / 14P
   YELLOW HIGH FLUX LED
HY330 SEOUL-HY330_1 Datasheet
576Kb / 14P
   YELLOW HIGH FLUX LED
logo
OptoSupply Internationa...
OS5YKEZ4E1P OPTOSUPPLY-OS5YKEZ4E1P Datasheet
113Kb / 1P
   Super Flux Yellow LED
OS5YKEZ4E1P OPTOSUPPLY-OS5YKEZ4E1P Datasheet
113Kb / 1P
   Super Flux Yellow LED
OSY5PAZ3K1D OPTOSUPPLY-OSY5PAZ3K1D Datasheet
158Kb / 1P
   Super Flux Premium Yellow LED
OSY5PAZ161D OPTOSUPPLY-OSY5PAZ161D Datasheet
159Kb / 1P
   Super Flux Premium Yellow LED
OSY5MAZ2C1P OPTOSUPPLY-OSY5MAZ2C1P Datasheet
101Kb / 1P
   Super Flux Phoenix Yellow LED
OSY5PAZ3K1D OPTOSUPPLY-OSY5PAZ3K1D_11 Datasheet
110Kb / 1P
   Super Flux Premium Yellow LED
OSY5CAZ2C1P OPTOSUPPLY-OSY5CAZ2C1P Datasheet
102Kb / 1P
   Super Flux Commercial Yellow LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com