Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6218P222NL Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6218P222NL
Description  Low Power Supply LDO Regulators Ultra Small Packages
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6218P222NL Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6218P222NL Datasheet HTML 1Page - Torex Semiconductor XC6218P222NL Datasheet HTML 2Page - Torex Semiconductor XC6218P222NL Datasheet HTML 3Page - Torex Semiconductor XC6218P222NL Datasheet HTML 4Page - Torex Semiconductor XC6218P222NL Datasheet HTML 5Page - Torex Semiconductor XC6218P222NL Datasheet HTML 6Page - Torex Semiconductor XC6218P222NL Datasheet HTML 7Page - Torex Semiconductor XC6218P222NL Datasheet HTML 8Page - Torex Semiconductor XC6218P222NL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5/22
XC6218
Series
E-0
E-1
PARAMETER
SETTING
VOLTAGE
OUTPUT VOLTAGE
2.0%
(V)
DROPOUT VOLTAGE 1
(mV)
DROPOUT VOLTAGE 2
(mV)
VOUT(E)
Vdif1
Vdif2
VOUT(T)
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
0.9
0.870
0.930
460
900
850
1450
1.0
0.970
1.030
370
760
750
1300
1.1
1.070
1.130
300
650
680
1190
1.2
1.170
1.230
240
540
600
1070
1.3
1.270
1.330
190
420
530
950
1.4
1.370
1.430
1.5
1.470
1.530
1.6
1.568
1.632
160
340
470
840
1.7
1.666
1.734
1.8
1.764
1.836
1.9
1.862
1.938
110
200
350
610
2.0
1.960
2.040
2.1
2.058
2.142
2.2
2.156
2.244
2.3
2.254
2.346
2.4
2.352
2.448
90
150
290
480
2.5
2.450
2.550
2.6
2.548
2.652
2.7
2.646
2.754
2.8
2.744
2.856
2.9
2.842
2.958
70
120
240
370
3.0
2.940
3.060
3.1
3.038
3.162
3.2
3.136
3.264
3.3
3.234
3.366
3.4
3.332
3.468
3.5
3.430
3.570
3.6
3.528
3.672
3.7
3.626
3.774
3.8
3.724
3.876
3.9
3.822
3.978
4.0
3.920
4.080
60
100
200
320
■VOLTAGE CHART
Ta=25


Similar Part No. - XC6218P222NL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6218P252NR-G TOREX-XC6218P252NR-G Datasheet
406Kb / 22P
   Low Power Supply LDO Regulators(Ultra Small Packages)
More results

Similar Description - XC6218P222NL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6218P252NR-G TOREX-XC6218P252NR-G Datasheet
406Kb / 22P
   Low Power Supply LDO Regulators(Ultra Small Packages)
XC6218 TOREX-XC6218_1 Datasheet
385Kb / 22P
   Low Power Supply LDO Regulators (Ultra Small Packages)
logo
Rohm
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
logo
Torex Semiconductor
XC6213 TOREX-XC6213_1 Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Torex Semiconductor
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
logo
Maxim Integrated Produc...
MAX8556 MAXIM-MAX8556_09 Datasheet
222Kb / 10P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 2; 8/09
MAX8556 MAXIM-MAX8556 Datasheet
228Kb / 11P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 0; 4/04
logo
Zetex Semiconductors
ZXCL250 ZETEX-ZXCL250 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Texas Instruments
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com