Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W79E802 Datasheet(PDF) 5 Page - Winbond

Part # W79E802
Description  8-BIT MICROCONTROLLER
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W79E802 Datasheet(HTML) 5 Page - Winbond

  W79E802 Datasheet HTML 1Page - Winbond W79E802 Datasheet HTML 2Page - Winbond W79E802 Datasheet HTML 3Page - Winbond W79E802 Datasheet HTML 4Page - Winbond W79E802 Datasheet HTML 5Page - Winbond W79E802 Datasheet HTML 6Page - Winbond W79E802 Datasheet HTML 7Page - Winbond W79E802 Datasheet HTML 8Page - Winbond W79E802 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 115 page
background image
W79E804A/803A/802A
Publication Release Date: July 16, 2007
- 5 -
Revision A2
2.
FEATURES
Fully static design 8-bit Turbo 51 CMOS microcontroller up to 20MHz when VDD=4.5V to 5.5V,
12MHz when VDD=2.7V to 5.5V
8K/4K/2K bytes of AP Flash EPROM, with ICP and external writer programmable mode.
256 bytes of on-chip RAM.
256 bytes NVM Data Flash EPROM for customer data storage used and 10K writer cycles.
Instruction-set compatible with MSC-51.
On-chip configurable RC oscillator (6MHz).
Two 8-bit bi-directional and one 2-bit bi-directional ports.
Two 16-bit timer/counters.
12 interrupts source with four levels of priority.
One enhanced full duplex serial port with framing error detection and automatic address
recognition.
The 4 outputs mode and TTL/Schmitt trigger selectable Port.
Programmable Watchdog Timer.
Four-channel 10-bit PWM (Pulse Width Modulator).
One I2C communication port (Master / Slave).
Eight keypad interrupt inputs.
Two analog comparators.
Configurable on-chip oscillator.
LED drive capability (20mA) on all port pins.
Low Voltage Detect interrupt and reset.
Development Tools:
— JTAG ICE(In Circuit Emulation) tool
— ICP(In Circuit Programming) writer
Packages:
— Lead Free (RoHS) DIP 20:
W79E804ADG
— Lead Free (RoHS) SOP 20:
W79E804ASG
— Lead Free (RoHS) DIP 20:
W79E803ADG
— Lead Free (RoHS) SOP 20:
W79E803ASG
— Lead Free (RoHS) DIP 20:
W79E802ADG
— Lead Free (RoHS) SOP 20:
W79E802ASG


Similar Part No. - W79E802

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W79E8213 ETC2-W79E8213 Datasheet
2Mb / 96P
   8-bit 4T-8051 microcontroller
logo
Nuvoton Technology Corp...
W79E8213 NUVOTON-W79E8213 Datasheet
2Mb / 96P
   The W79E8213 series are an 8-bit 4T-8051 microcontroller which has Flash EPROM which is programmable by ICP (In Circuit Program) or by hardware writer.
W79E8213AKG NUVOTON-W79E8213AKG Datasheet
2Mb / 96P
   The W79E8213 series are an 8-bit 4T-8051 microcontroller which has Flash EPROM which is programmable by ICP (In Circuit Program) or by hardware writer.
W79E8213ASG NUVOTON-W79E8213ASG Datasheet
2Mb / 96P
   The W79E8213 series are an 8-bit 4T-8051 microcontroller which has Flash EPROM which is programmable by ICP (In Circuit Program) or by hardware writer.
W79E8213R NUVOTON-W79E8213R Datasheet
2Mb / 96P
   The W79E8213 series are an 8-bit 4T-8051 microcontroller which has Flash EPROM which is programmable by ICP (In Circuit Program) or by hardware writer.
More results

Similar Description - W79E802

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com