Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSB-ULD-Q1 Datasheet(PDF) 9 Page - DOMINANT Semiconductors

Part # SSB-ULD-Q1
Description  SpiceLED InGaN S-Spice
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSB-ULD-Q1 Datasheet(HTML) 9 Page - DOMINANT Semiconductors

Back Button SSB-ULD-Q1 Datasheet HTML 3Page - DOMINANT Semiconductors SSB-ULD-Q1 Datasheet HTML 4Page - DOMINANT Semiconductors SSB-ULD-Q1 Datasheet HTML 5Page - DOMINANT Semiconductors SSB-ULD-Q1 Datasheet HTML 6Page - DOMINANT Semiconductors SSB-ULD-Q1 Datasheet HTML 7Page - DOMINANT Semiconductors SSB-ULD-Q1 Datasheet HTML 8Page - DOMINANT Semiconductors SSB-ULD-Q1 Datasheet HTML 9Page - DOMINANT Semiconductors SSB-ULD-Q1 Datasheet HTML 10Page - DOMINANT Semiconductors SSB-ULD-Q1 Datasheet HTML 11Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
23/02/2006 V1.0
9
Packaging Specification
Moisture sensitivity level
Barcode label
Moisture absorbent material +
Moisture indicator
The reel, moisture absorbent material and moisture indicator are
sealed inside the moisture proof foil bag
Reel
Average 1pc SpiceLED
1 completed bag (3000pcs)
0.034
190 ± 10
Weight (gram)
Cardboard
Box
Dimensions (mm)
Empty Box
Weight (kg)
300 x 250 x 250
416 x 516 x 476
15 reels MAX
55 reels MAX
Small
Large
For SpiceLEDTM
Reel / Box
Quantity / Box (pcs)
Cardboard Box
Size
0.58
1.74
45,000 MAX
165,000 MAX
DOMINANT Semiconductors
LOT NO : lotno
PART NO : partno
QTY : qty
S/N : xxx
D/C: xxxx
GROUP : group
Weight (gram)
0.001
140 ± 10
ROHS Compliant
PB Free
InGaN S-Spice : SSx-ULD
DOMINANT TM
Semiconductors
Innovating Illumination
DOMINANT TM
Semiconductors


Similar Part No. - SSB-ULD-Q1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SSB-ULD-PQ1-1 DOMINANT-SSB-ULD-PQ1-1 Datasheet
1Mb / 13P
   SpiceLED
More results

Similar Description - SSB-ULD-Q1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SST-SLD-L2N1-1 DOMINANT-SST-SLD-L2N1-1 Datasheet
788Kb / 12P
   SpiceLED InGaN S-Spice
SSW-SLD DOMINANT-SSW-SLD Datasheet
778Kb / 12P
   SpiceLED InGaN White S-Spice
SSW-ULD DOMINANT-SSW-ULD Datasheet
780Kb / 12P
   SpiceLED InGaN White S-Spice
SMT-ULD-ST1-1 DOMINANT-SMT-ULD-ST1-1 Datasheet
619Kb / 11P
   SpiceLED InGaN M-Spice
SMT-SLD-L2N1-1 DOMINANT-SMT-SLD-L2N1-1 Datasheet
625Kb / 12P
   SpiceLED InGaN M-Spice
SMW-SLD DOMINANT-SMW-SLD Datasheet
612Kb / 12P
   SpiceLED InGaN White M-Spice
SMW-ULD DOMINANT-SMW-ULD Datasheet
610Kb / 12P
   SpiceLED InGaN White M-Spice
SSS-CLD-HJ2-I2 DOMINANT-SSS-CLD-HJ2-I2 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
SSX-CLD-I2 DOMINANT-SSX-CLD-I2_16 Datasheet
967Kb / 14P
   SpiceLED
SSW-LLG-F1P5-I5 DOMINANT-SSW-LLG-F1P5-I5 Datasheet
1Mb / 17P
   SpiceLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com